Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8716 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8716
Description  High Performance 24-bit, 192kHz Stereo DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8716 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8716 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
WM8716
Production Data
w
PD Rev 4.1 September 2006
8
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
Hardware Mode
Normal Mode
Differential Mode
8X Mode
Software
Mode
1
LRCIN
Digital input
Sample rate clock input.
2
DIN
Digital input
Audio data serial input
DINL
Audio data
serial input
3
BCKIN
Digital input
Audio data bit clock input.
4
CLKO
Digital output
Oscillator buffered output (system clock).
5
XTI
Analogue input
Oscillator input.
6
XTO
Analogue output
Oscillator output.
7
DGND
Supply
Digital ground supply.
8
DVDD
Supply
Digital positive supply.
9
AVDDR
Supply
Analogue positive supply.
10
AGNDR
Supply
Analogue ground supply.
11
VMIDR
Analogue output
Mid rail right channel.
12
MODE8X
Digital input
Internal pull-down, active high, 8 x fs mode.
13
VOUTR
Analogue output
Right channel DAC output.
14
AGND
Supply
Analogue ground supply.
15
AVDD
Supply
Analogue positive supply.
16
VOUTL
Analogue output
Left channel DAC output.
17
DIFFHW
Digital input
Internal pull-down, active high, differential mono mode
18
VMIDL
Analogue output
Mid rail left channel.
19
AGNDL
Supply
Analogue ground supply.
20
AVDDL
Supply
Analogue positive supply.
21
ZERO
Digital output
Infinite zero detect – active low. Open drain type output with active pull-down.
22
RSTB
Digital input
Reset input – active low. Internal pull-up.
23
CSBIWO
Digital input
Internal pull-down
Wordlength:
Low for 16-bit data.
High for 20-bit
(normal) or 24-bit
I
2S data.
Wordlength:
Low for 16-bit data.
High for 20-bit
(normal) or 24-bit
I
2S data.
Wordlength:
Low for 20-bit data.
High for 24-bit data.
Low for
serial
interface
operation.
24
MODE
Digital input
Internal pull-up
Low for hardware
mode.
Low for left
mono mode. High for
right mono mode
DINR
High for
software
mode.
25
MUTEB
Digital input
Internal pull-up
Low to soft mute.
High for normal
operation.
Z for automute.
Low to soft mute.
High for normal
operation.
Z for automute.
Low to soft mute.
High for normal
operation.
Z for automute.
Low to soft
mute.
High for
normal
operation.
Z for
automute.
26
MD/DM0
Digital input
Internal pull-up
De-emphasis mode
select bit 0.
Low for no
de-emphasis.
High for 44.1kHz
de-emphasis.
LRP – LRCLK
polarity select.
Control serial
interface
data signal.
27
MC/DM1
Digital input
Internal pull-up
De-emphasis mode
select bit 1.
Low for normal filter
operation.
High for filter slow
roll-off.
Unused.
Leave unconnected.
Control serial
interface
clock signal.
28
ML/I2S
Digital input
Internal pull-up
Audio serial format:
Low – right justified.
High – I
2S.
Audio serial format:
Low – right justified.
High – I
2S.
Input data format:
Low – right justified.
High – left justified.
Control serial
interface
load signal.
Note:
Digital input pins have Schmitt trigger input buffers except Pin 12 and Pin 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com