Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8716 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8716
Description  High Performance 24-bit, 192kHz Stereo DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8716 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8716 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
WM8716
Production Data
w
PD Rev 4.1 September 2006
12
MODES OF OPERATION
Control of the various modes of operation is either by software control over the serial interface, or
by hard-wired pin control. Selection of software or hardware mode is via MODE pin. The following
functions may be controlled either via the serial control interface or by hard wiring of the
appropriate pins.
HARDWARE CONTROL MODES
When the MODE pin is held ‘low’ the following hardware modes of operation are available. In
Hardware differential mode or 8X mode some of these modes/control words are altered or
unavailable.
DE-EMPHASIS CONTROL
MDDM1
PIN 27
MCDMO
PIN 26
DE-EMPHASIS
L
L
Off
L
H
48kHz
H
L
44.1kHz
H
H
32kHz
Table 2 De-Emphasis Control
AUDIO INPUT FORMAT
CSBIIS
PIN 28
CSBIWO
PIN 23
DATA FORMAT
L
L
16 bit normal right justified
L
H
20 bit normal right justified
H
L
16 bit I
2S
H
H
24 bit I
2S
Table 3 Audio Input Format
SOFT MUTE
MUTEB
PIN 25
FUNCTION
L
Mute On (no output)
Z
Automute
H
Mute Off (normal operation)
Table 4 Soft Mute
A logic low on the MUTEB pin will cause the attenuation to ramp to infinite attenuation at a rate of
128/fs seconds per 0.5dB step. Setting MUTEB high will cause the attenuation to ramp back to its
previous value.
Leaving MUTEB undriven allows operation of the automute circuit in both hardware and software
modes. On receiving 1024 consecutive zero value audio samples, the analogue stage output mute is
asserted. This may be overdriven from the MUTEB pin to disable the automute function, or output as
a weak (10kohm) output signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com