Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8716 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8716
Description  High Performance 24-bit, 192kHz Stereo DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8716 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8716 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Production Data
WM8716
w
PD Rev 4.1September 2006
13
SOFTWARE CONTROL INTERFACE
The WM8716 can be controlled using a 3-wire serial interface. MD/DM0 (pin 26) is used for the
program data, MC/DM1 (pin 22) is used to clock in the program data and ML/I2S (pin 28) is use to
latch in the program data. The 3-wire interface protocol is shown in Figure 6. CSB/IWO (pin 23) must
be low when writing.
ML/I2S (PIN 28)
MC/DM1 (PIN 27)
MD/DM0 (PIN 26)
B15
B14
B13
B2
B1
B0
Figure 6 Three-Wire Serial Interface
REGISTER MAP
WM8716 controls the special functions using 4 program registers, which are 16-bits long. These
registers are all loaded through input pin MD/DM0. After the 16 data bits are clocked in, ML/I2S is
used to latch in the data to the appropriate register. Table 5 shows the complete mapping of the
4 registers. Note that in hardware differential mode and 8X modes, software control is not available.
The hardware differential mode (Diff[1:0]) clock loss detector disable (CDD) can only be accessed by
writing to M2[8:5] with the pattern 1111. Register M4 is then accessible by setting A[2:0] to 110.
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
M0
-
-
-
-
A2 (0) A1(0)
A0(0)
LDL
AL7
AL6
AL5
AL4
AL3
AL2
AL1
AL0
M1
-
-
-
-
A2(0)
A1(0)
A0(1)
LDR
AR7
AR6
AR5
AR4
AR3
AR2
AR1
AR0
M2
-
-
-
-
A2(0)
A1(1)
A0(0)
-
-
-
-
IW1
IW0
OPE
DEM
MUT
M3
-
-
-
-
A2(0)
A1(1)
A0(1)
IZD
SF1
SF0
CK0
REV
SR0
ATC
LRP
I
2S
M4
-
-
-
-
A2(1)
A1(1)
A0(0)
-
-
CDD
DIFF1 DIFF0
-
-
-
-
Table 5 Mapping of Program Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com