Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8718 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8718
Description  24 Bit Differential Stereo DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8718 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8718 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
WM8718
Production Data
w
PD Rev 4.3 November 2006
8
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital supply range
DVDD
3.0
5.5
V
Analogue supply range
AVDD
3.0
5.5
V
Ground
AGND, DGND
0
V
Difference DGND to AGND
-0.3
0
+0.3
V
AVDD = 3.3V
0.191
1
19
mA
Supply current
AVDD = 5V
0.191
1
22
mA
DVDD = 3.3V
160 uA
7.1
mA
Supply current
DVDD = 5V
160 uA
8.3
mA
Notes:
1.
This value represents the current usage when there are no switching digital inputs, MCLK is applied and the chip is in
power down mode
2.
Digital supply DVDD must never be more than 0.3V greater than AVDD.
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD = 5V, DVDD = 3.3V, AGND, DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Logic Levels (TTL Levels)
Input LOW level
VIL
0.8
V
Input HIGH level
VIH
2.0
V
Output LOW
VOL
IOL = 1mA
AGND + 0.3V
V
Output HIGH
VOH
IOH = 1mA
DVDD – 0.3V
V
Analogue Reference Levels
Reference voltage
VMID
AVDD/2 -
50mV
AVDD/2
AVDD/2 +
50mV
V
Potential divider resistance
RVMID
8.7
k
Ω
DAC Output (Load = 10k
Ω 50pF)
SNR (Note 1,2,3)
A-weighted,
@ fs = 48kHz
105
111
dB
SNR (Note 1,2,3)
A-weighted
@ fs = 96kHz
109
dB
SNR (Note 1,2,3)
A-weighted
@ fs = 192kHz
109
dB
SNR (Note 1,2,3)
A-weighted,
@ fs = 48kHz
AVDD = 3.3V
105
dB
SNR (Note 1,2,3)
A-weighted
@ fs = 96kHz
AVDD = 3.3V
102
dB
SNR (Note 1,2,3)
Non ‘A’ weighted @ fs
= 48kHz
108
dB
THD (Note 1,2,3)
1kHz, 0dBFs
-100
-80
dB
THD+N (Dynamic range, Note 2)
1kHz, -60dBFs
105
111
dB
DAC channel separation
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com