Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8718 Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8718
Description  24 Bit Differential Stereo DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8718 Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8718 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 32Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
WM8718
Production Data
w
PD Rev 4.3 November 2006
30
PACKAGE DIMENSIONS – 20 LEAD SSOP
NOTES:
A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS.
B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION, NOT TO EXCEED 0.20MM.
D. MEETS JEDEC.95 MO-150, VARIATION = AE. REFER TO THIS SPECIFICATION FOR FURTHER DETAILS.
DM0015.C
DS: 20 PIN SSOP (7.2 x 5.3 x 1.75 mm)
Symbols
Dimensions
(mm)
MIN
NOM
MAX
A
-----
-----
2.0
A1
0.05
-----
-----
A2
1.65
1.75
1.85
b
0.22
0.30
0.38
c
0.09
-----
0.25
D
6.90
7.20
7.50
e
0.65 BSC
E
7.40
7.80
8.20
5.00
5.30
5.60
L
0.55
0.75
0.95
θ
REF:
A A2
A1
SEATING PLANE
-C-
0.10 C
10
1
D
11
20
e
b
E1
E
-
JEDEC.95, MO 150
0
o
4
o
8
o
E1
L1
1.25 REF
Θ
c
L
GAUGE
PLANE
0.25
L 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com