Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8718 Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM8718
Description  24 Bit Differential Stereo DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8718 Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8718 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 32Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
WM8718
Production Data
w
PD Rev 4.3 November 2006
31
PACKAGE DIMENSIONS – 24 LEAD QFN
DM045.A
FL: 24 PIN QFN PLASTIC PACKAGE 4 X 4 X 0.9 mm BODY, 0.50 mm LEAD PITCH
INDEX AREA
(D/2 X E/2)
TOP VIEW
D
E
4
NOTES:
1. DIMENSION b APPLIES TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.15 mm AND 0.30 mm FROM TERMINAL TIP.
2. FALLS WITHIN JEDEC, MO-220, VARIATION VGGD-2.
3. ALL DIMENSIONS ARE IN MILLIMETRES.
4. THE TERMINAL #1 IDENTIFIER AND TERMINAL NUMBERING CONVENTION SHALL CONFORM TO JEDEC 95-1 SPP-002.
5. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS.
6. REFER TO APPLICATIONS NOTE WAN_0118 FOR FURTHER INFORMATION REGARDING PCB FOOTPRINTS AND QFN PACKAGE SOLDERING.
7. DEPENDING ON THE METHOD OF LEAD TERMINATION AT THE EDGE OF THE PACKAGE, PULL BACK (L1) MAY BE PRESENT.
8. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
A3
G
T
H
W
b
Exposed lead
Half etch tie bar
Dimensions (mm)
Symbols
MIN
NOM
MAX
NOTE
A
A1
A3
0.80
0.90
1.00
0.05
0.02
0
0.20 REF
b
D
D2
E
E2
e
L
0.30
0.18
4.00
2.80
2.70
2.55
0.50 BSC
0.30
0.40
0.50
2
2
4.00
2.80
2.70
2.55
0.10
aaa
bbb
ccc
REF:
0.15
0.10
JEDEC, MO-220, VARIATION VGGD-2.
Tolerances of Form and Position
0.25
H
0.1
0.213
G
T
0.1
W
0.2
DETAIL 1
DETAIL 2
A
6
1
13
18
24
19
12
e
D2
b
7
1
B
C
bbb M
A
BOTTOM VIEW
C
aaa
2 X
C
aaa
2 X
1
C
A3
SEATING PLANE
DETAIL 2
A1
C
0.08
C
ccc
A
5
SIDE VIEW
L
L1
L1
0.15
0.03
7
EXPOSED
GROUND
PADDLE
6
DETAIL 1
0.32mm
45
degrees
EXPOSED
GROUND
PADDLE
e
Datum
DETAIL 2
Terminal
tip
e/2
R
E2
SEE DETAIL 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com