Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8727 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8727
Description  24-bit 192kHz Stereo DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8727 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8727 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
WM8727
Production Data
w
PD Rev 4.2 July 2006
5
ELECTRICAL CHARACTERISTICS
Test Conditions
VDD = 5V, GND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Logic Levels (TTL Levels)
Input LOW level
VIL
0.8
V
Input HIGH level
VIH
2
V
Output LOW
VOL
IOL = 2mA
0.10 x VDD
V
Output HIGH
VOH
IOH = 2mA
0.9 x VDD
V
DAC Output (Load = 10k
Ω
Ω
Ω
Ω 50pF)
0dBFs Full scale output voltage
At DAC outputs
1.2 x
VDD/5
VRMS
SNR (Note 1,2)
A-weighted,
@ fs = 48kHz
98
dB
SNR (Note 1,2)
A-weighted
@ fs = 96kHz
95
dB
SNR (Note 1,2)
A-weighted
@ fs = 192kHz
92
dB
SNR (Note 1,2)
A-weighted,
@ fs = 48kHz
VDD = 3.3V
95
dB
SNR (Note 1,2)
A-weighted
@ fs = 96kHz
VDD = 3.3V
95
dB
SNR (Note 1,2)
Non ‘A’ weighted @ fs
= 48kHz
92
dB
THD
1kHz, 0dBFs
-84
dB
Dynamic range (Note 2)
1kHz, THD+N @
-60dBFs
98
dB
Analogue Output Levels
Load = 10k
Ω, 0dBFS
1.2
VRMS
Output level
Load = 10k
Ω, 0dBFS,
(VDD = 3.3V)
0.79
VRMS
Gain mismatch
channel-to-channel
±1
%FSR
To midrail or a.c.
coupled
1
k
Ω
Minimum resistance load
To midrail or a.c.
coupled
(VDD = 3.3V)
1
k
Ω
Maximum capacitance load
5V or 3.3V
100
pF
Output d.c. level
VDD/2
V
Power On Reset (POR)
POR threshold
1.8
V
Notes:
1.
Ratio of output level with 1kHz full scale input, to the output level with all zeros into the digital input, measured ‘A’ weighted
over a 20Hz to 20kHz bandwidth.
2.
All performance measurements done with 20kHz low pass filter, and where noted an A-weight filter. Failure to use such a
filter will result in higher THD+N and lower SNR and Dynamic Range readings than are found in the Electrical
Characteristics. The low pass filter removes out of band noise; although it is not audible it may affect dynamic specification
values.
3.
Power down occurs 1.5
µs after MCLK stops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com