Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8727 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8727
Description  24-bit 192kHz Stereo DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8727 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8727 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 16Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
WM8727
Production Data
w
PD Rev 4.2 July 2006
12
TYPICAL PERFORMANCE
-120
-65
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
d
B
r
B
-160
+0
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
dBFS
Figure 8 WM8727 Functionality THD+N VDD = 5V
-120
-70
-117.5
-115
-112.5
-110
-107.5
-105
-102.5
-100
-97.5
-95
-92.5
-90
-87.5
-85
-82.5
-80
-77.5
-75
-72.5
d
B
r
B
-160
+0
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
dBFS
Figure 9 WM8727 Functionality THD+N VDD = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com