Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8727 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8727
Description  24-bit 192kHz Stereo DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8727 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8727 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
WM8727
Production Data
w
PD Rev 4.2 July 2006
11
DIGITAL FILTER CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Passband Edge
-3dB
0.487fs
Passband Ripple
f < 0.444fs
±0.05
dB
Stopband Attenuation
f > 0.555fs
-60
dB
Table 2 Digital Filter Characteristics
DAC FILTER RESPONSES
-120
-100
-80
-60
-40
-20
0
0
0.5
1
1.5
2
2.5
3
Frequency (Fs)
Figure 4 DAC Digital Filter Frequency Response
-44.1, 48 and 96kHz
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Frequency (Fs)
Figure 5 DAC Digital Filter Ripple -44.1, 48 and 96kHz
-80
-60
-40
-20
0
0
0.2
0.4
0.6
0.8
1
Frequency (Fs)
Figure 6 DAC Digital Filter Frequency Response – 192kHz
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Frequency (Fs)
Figure 7 DAC Digital Filter Ripple –192kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com