Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8729GED/V Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8729GED/V
Description  24-bit, 192kHz Stereo DAC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8729GED/V Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8729GED/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8729GED/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8729GED/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8729GED/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8729GED/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8729GED/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8729GED/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8729GED/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8729GED/V Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
WM8729
Production Data
w
PD Rev 4.1 June 2006
12
AUTOMUTED
(Internal Signal)
10k
Ω
Ω
Ω
Ω
SOFTMUTE
(Internal Signal)
MUTEB
PIN
Figure 6 Selection Logic for MUTE Modes
INPUT FORMAT SELECTION
FORMAT (pin 16) controls the data input format.
FORMAT
INPUT DATA MODE
0
20-bit right justified (note 2)
1
24-bit I
2S (note 2)
Table 3 Input Format Selection
Notes:
1.
In 24 bit I
2S mode, any width of 24 bits or more is supported provided that LRCIN is high for
a minimum of 24 BCKINs and low for a minimum of 24 BCKINs, unless Note 2.
2.
If exactly 16 BCKIN cycles occur in both the low and high period of LRCIN the WM8729 will
assume the data is 16 bit and accept the data accordingly.
DE-EMPHASIS CONTROL
DEM (pin 15) is an input control for selection of de-emphasis filtering to be applied.
DEM
DE-EMPHASIS
0
Off
1
On
Table 4 De-emphasis Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com