Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8729GED/V Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8729GED/V
Description  24-bit, 192kHz Stereo DAC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8729GED/V Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8729GED/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8729GED/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8729GED/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8729GED/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8729GED/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8729GED/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8729GED/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8729GED/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8729GED/V Datasheet HTML 18Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
WM8729
Production Data
w
PD Rev 4.1 June 2006
17
PACKAGE DRAWING
NOTES:
A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS (INCHES).
B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION, NOT TO EXCEED 0.25MM (0.010IN).
D. MEETS JEDEC.95 MS-012, VARIATION = AC. REFER TO THIS SPECIFICATION FOR FURTHER DETAILS.
Symbols
Dimensions
(mm)
Dimensions
(Inches)
MIN
MAX
MIN
MAX
A
1.35
1.75
0.0532
0.0688
A1
0.10
0.25
0.0040
0.0098
B
0.33
0.51
0.0130
0.0200
C
0.19
0.25
0.0075
0.0098
D
9.80
10.00
0.3859
0.3937
E
3.80
4.00
0.1497
0.1574
e
1.27 BSC
0.05 BSC
H
5.80
6.20
0.2284
0.2440
h
0.25
0.50
0.0099
0.0196
L
0.40
1.27
0.0160
0.0500
α
αα
α
0
o
8
o
0
o
8
o
REF:
JEDEC.95, MS-012
DM012.B
D: 16 PIN SOIC 3.9mm Body
L
C
h x 45o
α
0.10 (0.004)
SEATING PLANE
A
A1
-C-
E
H
B
9
16
e
8
1
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com