Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8729GED/V Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8729GED/V
Description  24-bit, 192kHz Stereo DAC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8729GED/V Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8729GED/V Datasheet HTML 1Page - Wolfson Microelectronics plc WM8729GED/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM8729GED/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8729GED/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8729GED/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8729GED/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8729GED/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8729GED/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8729GED/V Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
w
WM8729
24-bit, 192kHz Stereo DAC
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Production Data, June 2006, Rev 4.1
Copyright
2006 Wolfson Microelectronics plc
DESCRIPTION
The WM8729 is a high performance stereo DAC designed
for audio applications such as DVD, home theatre systems,
and digital TV. The WM8729 supports data input word
lengths from 16 to 24-bits and sampling rates up to 192kHz.
The WM8729 consists of a serial interface port, digital
interpolation filters, multi-bit sigma delta modulators and
stereo DAC in a small 16-pin SOIC package.
The WM8729 has a hardware control interface for selection
of audio data interface format and de-emphasis.
The WM8729 is an ideal device to interface to AC-3
,
DTS
, and MPEG audio decoders for surround sound
applications, or for use in DVD players, including supporting
the implementation of 2 channels at 192kHz for high-end
DVD-Audio applications.
FEATURES
•
Stereo DAC
•
Audio Performance
-
106dB SNR (‘A’ weighted @ 48kHz) DAC
-
-97dB THD
•
DAC Sampling Frequency: 8kHz – 192kHz
•
Pin Selectable Audio Data Interface Format
-
I
2S or Right Justified
•
3.0V - 5.5V Supply Operation
•
16-lead SOIC Package
•
Exceeds Dolby Class A Performance Requirements
APPLICATIONS
•
DVD-Audio and DVD ‘Universal’ Players
•
Home theatre systems
•
Digital TV
•
Digital broadcast receivers
BLOCK DIAGRAM


Similar Part No. - WM8729GED/V

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
More results

Similar Description - WM8729GED/V

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
logo
List of Unclassifed Man...
AV2636 ETC-AV2636 Datasheet
821Kb / 16P
24-bit 192kHz Stereo Audio DAC
logo
Wolfson Microelectronic...
WM8762 WOLFSON-WM8762 Datasheet
148Kb / 15P
24-bit 192kHz Stereo DAC
WM8726 WOLFSON-WM8726 Datasheet
228Kb / 20P
24-bit 192kHz Stereo DAC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
24-bit 192kHz Stereo DAC
WM8726 WOLFSON-WM8726_12 Datasheet
154Kb / 23P
24-bit 192kHz Stereo DAC
WM8761 WOLFSON-WM8761_11 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_11 Datasheet
161Kb / 17P
24-bit 192kHz Stereo DAC
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com