Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8772 Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8772
Description  24-bit, 192kHz 6-Channel Codec with Volume Control
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772 Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8772_05 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
Production Data
WM8772EDS – 28 LEAD SSOP
w
PD Rev 4.2 October 2005
41
To ensure that system ‘pop’ noise is kept to a minimum when power is applied or removed, a
transistor clamp circuit arrangement may be added to the output connectors of the system. A
recommended clamp circuit configuration is shown below.
Figure 36 Output Clamp Circuit
When the +VS power supply is applied, PNP transistor Q10 of the trigger circuit is held on until
capacitor C49 is fully charged. With transistor Q10 held ‘on’, NPN transistors Q4 to Q9 of the clamp
circuits are also switched on holding the system outputs near to GND. When capacitor C49 is fully
charged transistors Q10 and Q4 to Q9 are switched off setting the outputs active.
When the +VS power supply is removed, PNP transistor Q11 of the trigger circuit is switched on. In
turn, transistors Q4 to Q9 of the clamp circuits are switched on holding the outputs of the evaluation
board near to GND until the rest of the circuitry on the board has settled.
Note: It is recommended that low Vcesat switching transistors should be used in this circuit to ensure
that the clamp is applied before the rest of the circuitry has time to power down.
Important: If a trigger circuit such as the one shown is to be used, it is important that the +VS
supply drops quicker than any other supply to ensure that the outputs are clamped during the
period when ‘pop’ noise may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com