Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8772 Datasheet(PDF) 43 Page - Wolfson Microelectronics plc

Part # WM8772
Description  24-bit, 192kHz 6-Channel Codec with Volume Control
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772 Datasheet(HTML) 43 Page - Wolfson Microelectronics plc

Back Button WM8772_05 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 47Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 73 page
background image
Production Data
WM8772EFT – 32 LEAD TQFP
w
PD Rev 4.2 October 2005
43
WM8722EFT - 32 LEAD TQFP
MASTER CLOCK TIMING
ADCMCLK/
DACMCLK
t
MCLKL
t
MCLKH
t
MCLKY
Figure 37 ADC and DAC Master Clock Timing Requirements
Test Conditions
AVDD, VREFP = 5V, DVDD = 3.3V, AGND, VREFN = 0V, AGND, DGND = 0V, TA = +25
oC, fs = 48kHz, DACMCLK and
ADCMCLK = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
System Clock Timing Information
ADCMCLK and DACMCLK
System clock pulse width high
tMCLKH
11
ns
ADCMCLK and DACMCLK
System clock pulse width low
tMCLKL
11
ns
ADCMCLK and DACMCLK
System clock cycle time
tMCLKY
28
ns
ADCMCLK and DACMCLK Duty
cycle
40:60
60:40
Table 13 Master Clock Timing Requirements
DIGITAL AUDIO INTERFACE – MASTER MODE
ADCLRC
DOUT
DACBCLK
DIN1/2/3
DACLRC
WM8772
CODEC
DSP/
ENCODER/
DECODER
3
ADCBCLK
Figure 38 Audio Interface - Master Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com