Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8772 Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8772
Description  24-bit, 192kHz 6-Channel Codec with Volume Control
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772 Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8772_05 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 73 page
background image
Production Data
WM8772EFT – 32 LEAD TQFP
w
PD Rev 4.2 October 2005
57
POWERDOWN MODES
The WM8772EFT has powerdown control bits allowing specific parts of the WM8772EFT to be
powered off when not being used. Control bit ADCPD powers off the ADC. The three stereo DACs
each have a separate powerdown control bit, DACPD[2:0] allowing individual stereo DACs to be
powered off when not in use. Setting ADCPD and DACPD[2:0] will powerdown everything except the
references VMID and REFADC. These may be powered down by setting PDWN. Setting PDWN will
override all other powerdown control bits. It is recommended that the ADC and DACs are powered
down before setting PDWN.
ZERO DETECT
The WM8772EFT has a zero detect circuit for each DAC channel that detects when 1024
consecutive zero samples have been input. The MUTE pin output may be programmed to output the
zero detect signal (see Table 10) which may then be used to control external muting circuits. A ‘1’ on
MUTE indicates a zero detect. The zero detect may also be used to automatically enable DAC mute
by setting IZD.
DZFM[1:0]
MUTE
00
All channels zero
01
Channel 1 zero
10
Channel 2 zero
11
Channel 3 zero
Table 21 Zero Flag Output Select
SOFTWARE CONTROL INTERFACE OPERATION
The WM8772EFT is controlled using a 3-wire serial interface in software mode or pin programmable
in hardware mode.
The control mode is selected by the state of the MODE pin.
The control interfaces are 5V tolerant; meaning that the control interface input signals ML/I2S,
MC/IWL and MD/DM may have an input high level of 5V while DVDD is 3V. Input thresholds are
determined by DVDD. MUTE and MODE are also 5V tolerant.
3-WIRE (SPI COMPATIBLE) SERIAL CONTROL MODE
MD/DM is used for the program data, MC/IWL is used to clock in the program data and ML/I2S is
used to latch the program data. MD/DM is sampled on the rising edge of MC/IWL. The 3-wire
interface protocol is shown in Figure 34.
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
ML/I2S
MC/IWL
MD/DM
Figure 58 3-Wire SPI Compatible Interface
4.
B[15:9] are Control Address Bits
5.
B[8:0] are Control Data Bits
6.
ML/I2S is edge-sensitive – the data is latched on the rising edge of ML/I2S.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com