Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8772 Datasheet(PDF) 52 Page - Wolfson Microelectronics plc

Part # WM8772
Description  24-bit, 192kHz 6-Channel Codec with Volume Control
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772 Datasheet(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM8772 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 56Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
WM8772EFT – 32 LEAD TQFP
Production Data
w
PD Rev 4.2 October 2005
52
DIN1/2/3 are sampled by the WM8772EFT on the rising edge of DACBCLK so the controller must
output DAC data that changes on the falling edge of DACBCLK. ADC data is output on DOUT and
changes on the falling edge of ADCBCLK.
By setting control bit DACBCP the polarity of DACBCLK may be reversed so that DIN1/2/3 are
sampled on the falling edge of DACBCLK.
By setting control bit ADCBCP the polarity of ADCBCLK may be reversed so that DOUT changes on
the rising edge of ADCBCLK.
ADCLRC
DOUT
DACBCLK
DIN1/2/3
DACLRC
WM8772
CODEC
DSP/
ENCODER/
DECODER
3
ADCBCLK
Figure 46 Master Mode
AUDIO INTERFACE FORMATS
Audio data is applied to the internal DAC filters, or output from the ADC filters, via the Digital Audio
Interface. 5 popular interface formats are supported:
•
Left Justified mode
•
Right Justified mode
•
I
2S mode
•
DSP mode A
•
DSP mode B
All 5 formats send the MSB first and support word lengths of 16, 20, 24 and 32 bits, with the
exception of 32 bit right justified mode, which is not supported.
In left justified, right justified and I
2S modes, the digital audio interface receives DAC data on the
DIN1/2/3 inputs and outputs ADC data on DOUT. Audio Data for each stereo channel is time
multiplexed with ADCLRC or DACLRC indicating whether the left or right channel is present.
ADCLRC or DACLRC is also used as a timing reference to indicate the beginning or end of the data
words.
In left justified, right justified and I
2S modes, the minimum number of DACBCLK/ADCBCLK’s per
DACLRC/ADCLRC period is 2 times the selected word length. ADCLRC/DACLRC must be high for a
minimum of word length DACBCLK/ADCBCLK’s and low for a minimum of word length
DACBCLK/ADCBCLK’s. Any mark to space ratio on ADCLRC/DACLRC is acceptable provided the
above requirements are met.
In DSP mode A or mode B, all 6 DAC channels are time multiplexed onto DIN1. DACLRC is used as
a frame sync signal to identify the MSB of the first word. The minimum number of DACBCLK’s per
DACLRC period is 6 times the selected word length. Any mark to space ratio is acceptable on
DACLRC provided the rising edge is correctly positioned. The ADC data may also be output in DSP
mode A or mode B, with ADCLRC used as a frame sync to identify the MSB of the first word. The
minimum number of ADCBCLK’s per ADCLRC period is 2 times the selected word length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com