Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8772 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8772
Description  24-bit, 192kHz 6-Channel Codec with Volume Control
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8772 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
WM8772
Production Data
w
PD Rev 4.2 October 2005
8
PIN DESCRIPTION – 32 LEAD TQFP
PIN
NAME
TYPE
DESCRIPTION
1
ADCLRC
Digital Input/Output
ADC left/right word clock
2
DACLRC
Digital Input/Output
DAC left/right word clock
3
DVDD
Supply
Digital positive supply
4
DGND
Supply
Digital negative supply
5
DIN1
Digital Input
DAC channel 1 data input
6
DIN2
Digital Input
DAC channel 2 data input
7
DIN3
Digital Input
DAC channel 3 data input
8
DOUT
Digital Output
ADC data output
9
ML/I2S
Digital Input
Software Mode: Serial interface Latch signal
Hardware Mode: Input Audio Data Format
10
MC/IWL
Digital Input
Software Mode: Serial control interface clock
Hardware Mode: Audio data input word length
11
MD/DM
Digital Input
Software Mode: Serial interface data
Hardware Mode: De-emphasis selection
12
MUTE
Digital Input/Output
DAC Zero Flag output or DAC Mute Input
13
REFADC
Analogue Output
ADC reference buffer decoupling pin; 10uF external decoupling
14
ADCVREFN
Supply
ADC negative supply
15
DACVREFN
Supply
DAC negative supply
16
DACVREFP
Supply
DAC positive reference supply
17
VMID
Analogue Output
Midrail divider decoupling pin; 10uF external decoupling
18
AINR
Analogue Input
ADC right input
19
AINL
Analogue Input
ADC left input
20
VOUT1L
Analogue Output
DAC channel 1 left output
21
VOUT1R
Analogue Output
DAC channel 1 right output
22
VOUT2L
Analogue Output
DAC channel 2 left output
23
VOUT2R
Analogue Output
DAC channel 2 right output
24
VOUT3L
Analogue Output
DAC channel 3 left output
25
VOUT3R
Analogue Output
DAC channel 3 right output
26
AGND
Supply
Analogue negative supply and substrate connection
27
AVDD
Supply
Analogue positive supply
28
MODE
Digital Input
Control format selection
0 = Software control
1 = Hardware control
29
ADCMCLK
Digital Input
Master ADC clock; 256, 384, 512 or 768fs (fs = word clock frequency)
30
DACMCLK
Digital Input
Master DAC clock; 256, 384, 512 or 768fs (fs = word clock frequency)
31
ADCBCLK
Digital Input/Output
ADC audio interface bit clock
32
DACBCLK
Digital Input/Output
DAC audio interface bit clock
Note: Digital input pins have Schmitt trigger input buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com