Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8772 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8772
Description  24-bit, 192kHz 6-Channel Codec with Volume Control
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8772 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
w
WM8772
24-bit, 192kHz 6-Channel Codec with Volume Control
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Production Data, October 2005, Rev 4.2
Copyright
2005 Wolfson Microelectronics plc
DESCRIPTION
The WM8772 is a multi-channel audio codec ideal for DVD
and surround sound processing applications for home hi-fi,
automotive and other audio visual equipment.
A stereo 24-bit multi-bit sigma delta ADC is used. Digital
audio output word lengths from 16-32 bits and sampling
rates from 32kHz to 96kHz are supported. The 32-lead
version allows separate ADC and DAC samples rates.
Three stereo 24-bit multi-bit sigma delta DACs are used
with oversampling digital interpolation filters. Digital audio
input word lengths from 16-32 bits and sampling rates from
8kHz to 192kHz are supported. Each DAC channel has
independent digital volume and mute control.
The audio data interface supports I
2S, left justified, right
justified and DSP digital audio formats.
The device is controlled via a 3 wire serial interface. The
interface provides access to all features including channel
selection, volume controls, mutes, de-emphasis and power
management facilities. The device is available in a 28 lead
SSOP or 32 lead TQFP.
FEATURES
•
Audio Performance
−
103dB SNR (‘A’ weighted @ 48kHz) DAC
−
100dB SNR (‘A’ weighted @ 48kHz) ADC (TQFP)
•
DAC Sampling Frequency: 8kHz – 192kHz
•
ADC Sampling Frequency: 32kHz – 96kHz
•
ADC and DAC can run at different sample rates (32 pin
TQFP version only)
•
3-Wire SPI Serial or Hardware Control Interface
•
Programmable Audio Data Interface Modes
−
I
2S, Left, Right Justified or DSP
−
16/20/24/32 bit Word Lengths
•
Three Independent stereo DAC outputs with independent
digital volume controls
•
Master or Slave Audio Data Interface
•
2.7V to 5.5V Analogue, 2.7V to 3.6V Digital supply
Operation
•
28 lead SSOP or 32 lead TQFP Package
APPLICATIONS
•
DVD Players
•
Surround Sound AV Processors and Hi-Fi systems
•
Automotive Audio
BLOCK DIAGRAM - 28 LEAD SSOP
VOUT1L
VOUT1R
VOUT2L
VOUT2R
VOUT3L
VOUT3R
STEREO
ADC
AUDIO
INTERFACE
&
DIGITAL FILTERS
VREFP
STEREO
DAC
STEREO
DAC
AINL
AINR
CONTROL INTERFACE
WM8772EDS
LOW
PASS
FILTER
LOW
PASS
FILTER
LOW
PASS
FILTER
STEREO
DAC
VREFN
W
VREFN


Similar Part No. - WM8772

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8772 WOLFSON-WM8772 Datasheet
678Kb / 70P
24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
WM8772EFT WOLFSON-WM8772EFT Datasheet
678Kb / 70P
24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
WM8772EFT/R WOLFSON-WM8772EFT/R Datasheet
678Kb / 70P
24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
WM8772SEFT WOLFSON-WM8772SEFT Datasheet
678Kb / 70P
24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
WM8772SEFT/RV WOLFSON-WM8772SEFT/RV Datasheet
678Kb / 70P
24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
More results

Similar Description - WM8772

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8706 WOLFSON-WM8706 Datasheet
237Kb / 24P
24-bit, 192kHz Stereo DAC with Volume Control
WM8772 WOLFSON-WM8772 Datasheet
678Kb / 70P
24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8770 WOLFSON-WM8770 Datasheet
564Kb / 52P
24-bit, 192kHz 8-Channel Codec with Volume Control
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
WM8746 WOLFSON-WM8746_06 Datasheet
398Kb / 32P
24-bit, 192kHz 6-Channel DAC with Volume Control
WM8728 WOLFSON-WM8728_12 Datasheet
482Kb / 30P
24-bit, 192kHz Stereo DAC with Volume Control
logo
List of Unclassifed Man...
WM8728 ETC2-WM8728 Datasheet
471Kb / 31P
24-bit, 192kHz Stereo DAC with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com