Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8775 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8775
Description  24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8775 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8775 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
WM8775
Production Data
w
PD Rev 4.1, June 2006
4
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
AIN1L
Analogue Input
Channel 1 left input multiplexor virtual ground
2
BCLK
Digital input/output
ADC audio interface bit clock
3
MCLK
Digital input
Master ADC clock; 256, 384, 512 or 768fs (fs = word clock frequency)
4
DOUT
Digital output
ADC data output
5
ADCLRC
Digital input/output
ADC left/right word clock
6
DGND
Supply
Digital negative supply
7
DVDD
Supply
Digital positive supply
8
MODE
Digital Input
Serial Interface Mode select
9
CE
Digital Input
Serial Interface Latch signal
10
DI
Digital input/output
Serial interface data
11
CL
Digital input
Serial interface clock
12
NC
No connection
13
VMIDADC
Analogue Output
ADC midrail divider decoupling pin; 10uF external decoupling
14
ADCREFGND
Supply
ADC negative supply and substrate connection
15
ADCREFP
Analogue Output
ADC positive reference decoupling pin; 10uF external decoupling
16
AVDD
Supply
Analogue positive supply
17
AGND
Supply
Analogue negative supply and substrate connection
18
AINVGR
Analogue Input
Right channel multiplexor virtual ground
19
AINOPR
Analogue Output
Right channel multiplexor output
20
AINVGL
Analogue Input
Left channel multiplexor virtual ground
21
AINOPL
Analogue Output
Left channel multiplexor output
22
AIN4R
Analogue Input
Channel 4 right input multiplexor virtual ground
23
AIN4L
Analogue Input
Channel 4 left input multiplexor virtual ground
24
AIN3R
Analogue Input
Channel 3 right input multiplexor virtual ground
25
AIN3L
Analogue Input
Channel 3 left input multiplexor virtual ground
26
AIN2R
Analogue Input
Channel 2 right input multiplexor virtual ground
27
AIN2L
Analogue Input
Channel 2 left input multiplexor virtual ground
28
AIN1R
Analogue Input
Channel 1 right input multiplexor virtual ground
Note : Digital input pins have Schmitt trigger input buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com