Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8775 Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8775
Description  24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8775 Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8775 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
Production Data
WM8775
w
PD Rev 4.1, June 2006
33
7:0
LAG[7:0]
11001111
(0dB)
Attenuation data for left channel ADC gain in 0.5dB steps
R14 (0Eh)
0001110
Attenuation
ADCL
8
ZCLA
0
Left channel ADC zero cross enable:
0: Zero cross disabled
1: Zero cross enabled
7:0
RAG[7:0]
11001111
(0dB)
Attenuation data for right channel ADC gain in 0.5dB steps
R15 (0Fh)
0001111
Attenuation
ADCR
8
ZCRA
0
Right channel ADC zero cross enable:
0: Zero cross disabled
1: Zero cross enabled
3:0
LCT[3:0]
1011
(-5dB)
Limiter Threshold/ALC target level in 1dB steps.
0000: -16dB FS
0001: -15dB FS
…
1101: -3dB FS
1110: -2dB FS
1111: -1dB FS
6:4
MAXGAIN[2:0]
111 (+24dB)
Set Maximum Gain of PGA
111 : +24dB
110 : +20dB
….(-4dB steps)
010 : +4dB
001 : 0dB
000 : 0dB
R16 (10h)
0010000
ALC Control 1
8:7
LCSEL[1:0]
00
ALC/Limiter function select
00 = Limiter
01 = ALC Right channel only
10 = ALC Left channel only
11 = ALC Stereo (PGA registers unused)
3:0
HLD[3:0]
0000
(0ms)
ALC hold time before gain is increased.
0000: 0ms
0001: 2.67ms
0010: 5.33ms
… (time doubles with every step)
1111: 43.691s
7
ALCZC
0 (zero
cross off)
ALC uses zero cross detection circuit.
R17 (11h)
0010001
ALC Control 2
8
LCEN
0
Enable Gain control circuit.
0 = Disable
1 = Enable
ALC/Limiter attack (gain ramp-down) time
3:0
ATK[3:0]
0010
(24ms)
ALC mode
0000: 8.4ms
0001: 16.8ms
0010: 33.6ms…
(time doubles with every step)
1010 or higher: 8.6s
Limiter Mode
0000: 250us
0001: 500us…
0010: 1ms
(time doubles with every step)
1010 or higher: 256ms
ALC/Limiter decay (gain ramp up) time
R18 (12h)
0010010
ALC Control 3
7:4
DCY[3:0]
0011
(268ms/
9.6ms)
ALC mode
0000: 33.5ms
0001: 67.2ms
0010: 134.4ms ….(time
doubles for every step)
1010 or higher: 34.3ms
Limiter mode
0000: 1.2ms
0001: 2.4ms
0010: 4.8ms ….(time doubles
for every step)
1010 or higher: 1.2288s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com