Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8775 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8775
Description  24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8775 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8775 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Production Data
WM8775
w
PD Rev 4.1, June 2006
13
Figure 10 Typical Power up Sequence where AVDD is Powered before DVDD
Typical POR Operation (typical values, not tested)
SYMBOL
MIN
TYP
MAX
UNIT
Vpora
0.5
0.7
1.0
V
Vporr
0.5
0.7
1.1
V
Vpora_off
1.0
1.4
2.0
V
Vpord_off
0.6
0.8
1.0
V
In a real application the designer is unlikely to have control of the relative power up sequence of
AVDD and DVDD. Using the POR circuit to monitor VMID ensures a reasonable delay between
applying power to the device and Device Ready.
Figure 9 and Figure 10 show typical power up scenarios in a real system. Both AVDD and DVDD
must be established and VMID must have reached the threshold Vporr before the device is ready
and can be written to. Any writes to the device before Device Ready will be ignored.
Figure 9 shows DVDD powering up before AVDD. Figure 10 shows AVDD powering up before
DVDD. In both cases, the time from applying power to Device Ready is dominated by the charge
time of VMID.
A 10uF cap is recommended for decoupling on VMID. The charge time for VMID will dominate the
time required for the device to become ready after power is applied. The time required for VMID to
reach the threshold is a function of the VMID resistor string and the decoupling capacitor. The
Resistor string has an typical equivalent resistance of 50k
Ω (+/-20%). Assuming a 10uF capacitor,
the time required for VMID to reach threshold of 1V is approx 110ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com