Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8775SEDS/R Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8775SEDS/R
Description  24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8775SEDS/R Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8775SEDS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8775SEDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8775SEDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8775SEDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8775SEDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8775SEDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8775SEDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8775SEDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8775SEDS/R Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
WM8775
Production Data
w
PD Rev 4.1, June 2006
16
DIGITAL AUDIO INTERFACE
MASTER AND SLAVE MODES
The audio interface operates in either Slave or Master mode, selectable using the MS control bit. In
both Master and Slave modes ADCDAT is always an output. The default is Slave mode.
In Slave mode (MS=0) ADCLRC and BCLK are inputs to the WM8775 (Figure 11). ADCLRC is
sampled by the WM8775 on the rising edge of BCLK. ADC data is output on DOUT and changes on
the falling edge of BCLK. By setting control bit BCLKINV the polarity of BCLK may be reversed so
that ADCLRC is sampled on the falling edge of BCLK and DOUT changes on the rising edge of
BCLK.
BCLK
DOUT
ADCLRC
WM8775
ADC
DVD
Controller
Figure 11 Slave Mode
In Master mode (MS=1) ADCLRC and BCLK are outputs from the WM8775 (Figure 12). ADCLRC
and BITCLK are generated by the WM8775. ADCDAT is output on DOUT and changes on the falling
edge of BCLK. By setting control bit BCLKINV, the polarity of BCLK may be reversed so that DOUT
changes on the rising edge of BCLK.
BCLK
DOUT
ADCLRC
WM8775
ADC
DVD
Controller
Figure 12 Master Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com