Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8775SEDS/R Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8775SEDS/R
Description  24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8775SEDS/R Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8775SEDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8775SEDS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8775SEDS/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8775SEDS/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM8775SEDS/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8775SEDS/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8775SEDS/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8775SEDS/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8775SEDS/R Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
Production Data
WM8775
w
PD Rev 4.1, June 2006
23
MASTER MODE ADCLRC FREQUENCY SELECT
In Master mode the WM8775 generates ADCLRC and BCLK. These clocks are derived from the
master clock. The ratio of MCLK to ADCLRC is set by ADCRATE.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12(0Ch)
0001100
ADCLRC Frequency
Select
2:0
ADCRATE[2:0]
010
Master Mode MCLK:ADCLRC
ratio select:
010: 256fs
011: 384fs
100: 512fs
101: 768fs
ADC OVERSAMPLING RATE SELECT
For ADC operation at 96kHz it is recommended that the user set the ADCOSR bit. This changes the
ADC signal processing oversample rate to 64fs.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12(0Ch)
0001100
ADC Oversampling Rate
3
ADCOSR
0
ADC oversampling rate select
0: 128x oversampling
1: 64x oversampling
POWERDOWN MODE AND ADC DISABLE
Setting the PDWN register bit immediately powers down the WM8775, including the references,
overriding all other powerdown control bits. All trace of the previous input samples is removed, but all
control register settings are preserved. When PDWN is cleared, the digital filters will be re-initialised.
It is recommended that the 4-channel input mux and buffer, and ADC are powered down before
setting PDWN.
The ADC may also be powered down by setting the ADCPD disable bit. Setting ADCPD will disable
the ADC and select a low power mode. The ADC digital filters will be reset and will reinitialise when
ADCPD is reset.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
PDWN
0
Power Down Mode Select:
0 : Normal Mode
1: Power Down Mode
1
ADCPD
0
ADC Disable:
0 : Normal Mode
1: Power Down Mode
R13(0Dh)
0001101
Powerdown Control
6
AINPD
0
Analogue Input Disable:
0 : Normal Mode
1 : Power Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com