Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8775SEDS/R Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8775SEDS/R
Description  24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8775SEDS/R Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8775SEDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8775SEDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8775SEDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8775SEDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8775SEDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8775SEDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8775SEDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8775SEDS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8775SEDS/R Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Production Data
WM8775
w
PD Rev 4.1, June 2006
17
AUDIO INTERFACE FORMATS
Audio data output from the ADC filters, via the Digital Audio Interface. 5 popular interface formats are
supported:
•
Left Justified mode
•
Right Justified mode
•
I
2S mode
•
DSP Mode A
•
DSP Mode B
All 5 formats send the MSB first and support word lengths of 16, 20, 24 and 32 bits, with the
exception of 32 bit right justified mode, which is not supported.
In left justified, right justified and I
2S modes, the digital audio interface outputs ADC data on DOUT.
Audio Data for each stereo channel is time multiplexed with ADCLRC indicating whether the left or
right channel is present. ADCLRC is also used as a timing reference to indicate the beginning or end
of the data words.
In left justified, right justified and I
2S modes, the minimum number of BCLKs per ADCLRC period is 2
times the selected word length. ADCLRC must be high for a minimum of word length BCLKs and low
for a minimum of word length BCLKs. Any mark to space ratio on ADCLRC is acceptable provided
the above requirements are met.
In DSP Mode A or B, the ADC data may also be output, with ADCLRC used as a frame sync to
identify the MSB of the first word. The minimum number of BCLKs per ADCLRC period is 2 times the
selected word length
LEFT JUSTIFIED MODE
In left justified mode, the MSB of the ADC data is output on DOUT and changes on the same falling
edge of BCLK as ADCLRC and may be sampled on the rising edge of BCLK. ADCLRC is high during
the left samples and low during the right samples (Figure 13).
LEFT CHANNEL
RIGHT CHANNEL
ADCLRC
BCLK
DOUT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
Figure 13 Left Justified Mode Timing Diagram
RIGHT JUSTIFIED MODE
In right justified mode, the LSB of the ADC data is output on DOUT and changes on the falling edge
of BCLK preceding a ADCLRC transition and may be sampled on the rising edge of BCLK. ADCLRC
is high during the left samples and low during the right samples (Figure 14).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com