Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8782SEDS/R Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8782SEDS/R
Description  24-Bit, 192kHz Stereo ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8782SEDS/R Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8782SEDS/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Production Data
WM8782
w
PD, August 2006, Rev 4.2
9
AUDIO INTERFACE TIMING – SLAVE MODE
Figure 3 Digital Audio Data Timing – Slave Mode
Test Conditions
DVDD = 3.3V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 256fs, 24-bit data, unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
BCLK cycle time
tBCY
50
ns
BCLK pulse width high
tBCH
20
ns
BCLK pulse width low
tBCL
20
ns
LRCLK set-up time to BCLK rising edge
tLRSU
10
ns
LRCLK hold time from BCLK rising edge
tLRH
10
ns
DOUT propagation delay from BCLK falling edge
tDD
0
10
ns
Table 3 Digital Audio Data Timing - Slave Mode
Note:
LRCLK should be synchronous with MCLK, although the WM8782 interface is tolerant of phase variations or jitter on these
signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com