Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8782SEDS/R Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8782SEDS/R
Description  24-Bit, 192kHz Stereo ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8782SEDS/R Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8782SEDS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
WM8782
Production Data
w
PD, August 2006, Rev 4.2
16
DIGITAL FILTER CHARACTERISTICS
The WM8782 digital filter characteristics scale with sample rate.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC Sample Rate (Single Rate – 48Hz typically)
+/- 0.01dB
0
0.4535fs
Passband
-6dB
0.4892fs
Passband Ripple
+/- 0.01
dB
Stopband
0.5465fs
Stopband Attenuation
f > 0.5465fs
-65
dB
Group Delay
22
fs
ADC Sample Rate (Dual Rate – 96kHz typically)
+/- 0.01dB
0
0.4535fs
Passband
-6dB
0.4892fs
Passband Ripple
+/- 0.01
dB
Stopband
0.5465fs
Stopband Attenuation
f > 0.5465fs
-65
dB
Group Delay
22
fs
Table 8 Digital Filter Characteristics
ADC FILTER RESPONSES
-80
-60
-40
-20
0
0
0.5
1
1.5
2
2.5
3
Frequency (Fs)
-0.02
-0.015
-0.01
-0.005
0
0.005
0.01
0.015
0.02
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Frequency (Fs)
Figure 12 Digital Filter Frequency Response
Figure 13 ADC Digital Filter Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com