Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8782SEDS/R Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8782SEDS/R
Description  24-Bit, 192kHz Stereo ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8782SEDS/R Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8782SEDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 21Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
WM8782
Production Data
w
PD, August 2006, Rev 4.2
20
θθθθ
c
L
GAUGE
PLANE
0.25
NOTES:
A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS.
B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION, NOT TO EXCEED 0.25MM.
D. MEETS JEDEC.95 MO-153, VARIATION = AC. REFER TO THIS SPECIFICATION FOR FURTHER DETAILS.
DM008.D
DT: 20 PIN TSSOP (6.5 x 4.4 x 1.0 mm)
Symbols
Dimensions
(mm)
MIN
NOM
MAX
A
-----
-----
1.20
A1
0.05
-----
0.15
A2
0.80
1.00
1.05
b
0.19
-----
0.30
c
0.09
-----
0.20
D
6.40
6.50
6.60
e
0.65 BSC
E
6.4 BSC
E1
4.30
4.40
4.50
L
0.45
0.60
0.75
θθθθ
0
o
-----
8
o
REF:
JEDEC.95, MO-153
A
A2
A1
SEATING PLANE
11
20
E1
E
e
b
10
1
D
-C-
0.1 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com