Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960GEFL/V Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8960GEFL/V
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960GEFL/V Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8960GEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 88 page
background image
Preliminary Technical Data
WM8960
w
PTD, September 2006, Rev 2.0
57
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8:6
DCLKDIV
111
Class D switching clock divider.
000 = SYSCLK / 1.5
001 = SYSCLK / 2
010 = SYSCLK / 3
011 = SYSCLK / 4
100 = SYSCLK / 6
101 = SYSCLK / 8
110 = SYSCLK / 12
111 = SYSCLK / 16
R8 (08h)
Clocking (2)
3:0
BCLKDIV[3:0]
0000
BCLK Frequency (Master Mode)
0000 = SYSCLK
0001 = SYSCLK / 1.5
0010 = SYSCLK / 2
0011 = SYSCLK / 3
0100 = SYSCLK / 4
0101 = SYSCLK / 5.5
0110 = SYSCLK / 6
0111 = SYSCLK / 8
1000 = SYSCLK / 11
1001 = SYSCLK / 12
1010 = SYSCLK / 16
1011 = SYSCLK / 22
1100 = SYSCLK / 24
1101 to 1111 = SYSCLK / 32
Table 39 ADC, DAC and BCLK Control
SYSCLK
(=MCLK OR PLL OUTPUT)
(MHz)
ADCDIV OR
DACDIV
ADC / DAC SAMPLE
RATE (kHz)
000 (=1)
48
001 (=1.5)
32
010 (=2)
24
011 (=3)
16
100 (=4)
12
101 (=5.5)
(Not used)
110 (=6)
8
12.288
111
Reserved
000 (=1)
44.1
001 (=1.5)
(Not used)
010 (=2)
22.05
011 (=3)
(Not used)
100 (=4)
11.025
101 (=5.5)
8.018
110 (=6)
(Not used)
11.2896
111
Reserved
000 (=1)
8
001 (=1.5)
(Not used)
010 (=2)
(Not used)
011 (=3)
(Not used)
100 (=4)
(Not used)
101 (=5.5)
(Not used)
110 (=6)
(Not used)
2.048
111
Reserved
Table 40 ADC and DAC Sample Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com