Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960GEFL/V Datasheet(PDF) 67 Page - Wolfson Microelectronics plc

Part # WM8960GEFL/V
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960GEFL/V Datasheet(HTML) 67 Page - Wolfson Microelectronics plc

Back Button WM8960GEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 88 page
background image
Preliminary Technical Data
WM8960
w
PTD, September 2006, Rev 2.0
67
REGISTER BITS BY ADDRESS
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
8
IPVU
N/A
Input PGA Volume Update
Writing a 1 to this bit will cause left and right
input PGA volumes to be updated (LINVOL and
RINVOL)
Input Signal
Path
7
LINMUTE
1
Left Input PGA Analogue Mute
1 = Enable Mute
0 = Disable Mute
Note: IPVU must be set to un-mute.
Input Signal
Path
6
LIZC
0
Left Input PGA Zero Cross Detector
1 = Change gain on zero cross only
0 = Change gain immediately
Input Signal
Path
R0 (00h)
Left Input
Volume
5:0
LINVOL[5:0]
010111
Left Input PGA Volume Control
111111 = +30dB
111110 = +29.25dB
. . 0.75dB steps down to
000000 = -17.25dB
Input Signal
Path
8
IPVU
N/A
Input PGA Volume Update
Writing a 1 to this bit will cause left and right
input PGA volumes to be updated (LINVOL and
RINVOL)
Input Signal
Path
7
RINMUTE
1
Right Input PGA Analogue Mute
1 = Enable Mute
0 = Disable Mute
Note: IPVU must be set to un-mute.
Input Signal
Path
6
RIZC
0
Right Input PGA Zero Cross Detector
1 = Change gain on zero cross only
0 = Change gain immediately
Input Signal
Path
R1 (01h)
Right Input
Volume
5:0
RINVOL[5:0]
010111
Right Input PGA Volume Control
111111 = +30dB
111110 = +29.25dB
. . 0.75dB steps down to
000000 = -17.25dB
Input Signal
Path
8
OUT1VU
N/A
Headphone Output PGA Volume Update
Writing a 1 to this bit will cause left and right
headphone output volumes to be updated
(LOUT1VOL and ROUT1VOL)
Analogue
Outputs
7
LO1ZC
0
Left Headphone Output Zero Cross Enable
0 = Change gain immediately
1 = Change gain on zero cross only
Analogue
Outputs
R2 (02h)
LOUT1
Volume
6:0
LOUT1VOL[6:0]
0000000
LOUT1 Volume
1111111 = +6dB
… 1dB steps down to
0110000 = -73dB
0101111 to 0000000 = Analogue MUTE
Analogue
Outputs
8
OUT1VU
N/A
Headphone Output PGA Volume Update
Writing a 1 to this bit will cause left and right
headphone output volumes to be updated
(LOUT1VOL and ROUT1VOL)
Analogue
Outputs
R3 (03h)
ROUT1
Volume
7
RO1ZC
0
Right Headphone Output Zero Cross Enable
0 = Change gain immediately
1 = Change gain on zero cross only
Analogue
Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com