Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960GEFL/V Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8960GEFL/V
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960GEFL/V Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8960GEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
Preliminary Technical Data
WM8960
w
PTD, September 2006, Rev 2.0
23
MICROPHONE BIASING CIRCUIT
The MICBIAS output provides a low noise reference voltage suitable for biasing electret type
microphones and the associated external resistor biasing network. Refer to the Applications
Information section for recommended external components. The MICBIAS voltage can be altered via
the
MBSEL
register
bit.
When
MBSEL=0,
MICBIAS=0.9*AVDD
and
when
MBSEL=1,
MICBIAS=0.65*AVDD. The output can be enabled or disabled using the MICB control bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R25 (19h)
Power
management (1)
1
MICB
0
Microphone Bias Enable
0 = OFF (high impedance output)
1 = ON
R48 (30h)
Additional Control
(4)
0
MBSEL
0
Microphone Bias Voltage Control
0 = 0.9 * AVDD
1 = 0.65 * AVDD
Table 7 Microphone Bias Control
The internal MICBIAS circuitry is shown in Figure 9. The maximum source current capability for
MICBIAS is 3mA. The external biasing resistors therefore must be large enough to limit the MICBIAS
current to 3mA.
Figure 9 Microphone Bias Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com