Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9707SCFT/V Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM9707SCFT/V
Description  AC 97 Revision 2.1 Audio CODEC with SPDIF Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9707SCFT/V Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM9707SCFT/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM9707SCFT/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM9707SCFT/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM9707SCFT/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM9707SCFT/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM9707SCFT/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM9707SCFT/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM9707SCFT/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM9707SCFT/V Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
WM9707
Production Data
w
PD Rev 4.1 June 2006
7
Test Characteristics:
AVDD = 5V, GND = 0V …………..TA = 0
oC to +70oC, unless otherwise stated
DVDD = 3.3V, GND = 0V …………..TA = 0
oC to +70oC, unless otherwise stated
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC Circuit Specifications (AVDD = 3.3V) 48kHz sampling
SNR A-weighted (Note 1)
85
dB
ADC input for full scale output
VREF = 1.65V
0.7
Vrms
THD
-6dBv input
80
dB
Frequency response
20
19,200
Hz
Transition band
19,200
28,800
Hz
Stop band
28,800
Hz
Stop band rejection
-74
dB
PSRR
20 to 20kHz
40
dB
Mixer Circuit Specifications (AVDD = 3.3V) 48kHz sampling
SNR CD path A-weighted
(Note 1)
95
dB
SNR Other paths A-weighted
(Note 1)
90
dB
Maximum input voltage
0.6
Vrms
Maximum output voltage on
LINEOUT
1.2
Vrms
THD (Note 2)
-3.6dBv input
85
dBv
Frequency response (+/-1dB)
20
20,000
Hz
Input impedance (CD inputs)
At any gain
15
k
At max gain
20
k
Input impedance (other Mixer
inputs)
At 0db gain
100
k
At max gain
30
k
Input impedance MIC inputs
At 0db gain
110
k
PSRR
20 to 20kHz
50
dB
Clock Frequency Range
Crystal clock
24.576
MHz
BITCLK frequency
12.288
MHz
SYNC frequency
48.0
kHz
Notes:
1.
SNR is the ratio of 0dB signal output to the output level with no signal, measured A-weighted over a 20Hz to 20kHz
bandwidth.
2.
Inputs are scaled for AVDD eg; 0dBv at 5.0V is equivalent to –3.6dBv at 3.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com