Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9707SCFT/V Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM9707SCFT/V
Description  AC 97 Revision 2.1 Audio CODEC with SPDIF Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9707SCFT/V Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM9707SCFT/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM9707SCFT/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM9707SCFT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM9707SCFT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM9707SCFT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM9707SCFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM9707SCFT/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM9707SCFT/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM9707SCFT/V Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
WM9707
Production Data
w
PD Rev 4.1 June 2006
18
SYNC
BITCLK
SDATAOUT
VALID
FRAME
SLOT(1)
SLOT(2)
SLOT(12)
'0'
(ID1)
(ID0)
19
0
19
0
19
0
19
0
TAG PHASE
DATA PHASE
20.8
µS (48kHz)
12.288MHz
81.4ns
END OF PREVIOUS
AUDIO FRAME
TIME SLOT 'VALID' BITS
('1' = TIME SLOT CONTAINS
VALID PCM DATA)
SLOT (1)
SLOT (2)
SLOT (3)
SLOT (12)
Figure 12 AC-link Audio Output Frame
The datastreams currently defined by the AC’97 specification include:
PCM playback - 2 output slots
2-channel composite PCM output stream
PCM record data - 2 input slots
2-channel composite PCM input stream
Control - 2 output slots
Control Register write port
Status - 2 input slots
Control Register read port
Optional modem line CODEC output -
1 output slot
Modem line CODEC DAC input stream
Optional modem line CODEC input –
1 input slot
Modem line CODEC ADC output stream
Optional dedicated microphone input -
1 input slot
Dedicated microphone input stream in support
of stereo AEC and/or other voice applications.
Synchronisation of all AC-link data transactions is signalled by the WM9707 controller. The WM9707
drives the serial bit clock onto AC-link, which the AC’97 controller then qualifies with a
synchronisation signal to construct audio frames.
SYNC, fixed at 48kHz, is derived by dividing down the serial clock (BITCLK). BITCLK, fixed at
12.288MHz, provides the necessary clocking granularity to support 12, 20-bit outgoing and incoming
time slots. AC-link serial data is transitioned on each rising edge of BITCLK. The receiver of AC-link
data, (WM9707 for outgoing data and AC’97 controller for incoming data), samples each serial bit on
the falling edges of BITCLK.
The AC-link protocol provides for a special 16-bit time slot (slot 0) wherein each bit conveys a valid
tag for its corresponding time slot within the current audio frame. A 1 in a given bit position of slot 0
indicates that the corresponding time slot within the current audio frame has been assigned to a data
stream, and contains valid data. If a slot is tagged invalid, it is the responsibility of the source of the
data, (the WM9707 for the input stream, AC’97 controller for the output stream), to stuff all bit
positions with 0s during that slot’s active time.
SYNC remains high for a total duration of 16 BITCLKs at the beginning of each audio frame.
The portion of the audio frame where SYNC is high is defined as the Tag Phase. The remainder of
the audio frame where SYNC is low is defined as the Data Phase. Additionally, for power savings, all
clock, sync, and data signals can be halted. This requires that the WM9707 be implemented as a
static design to allow its register contents to remain intact when entering a power savings mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com