Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9707SCFT/V Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM9707SCFT/V
Description  AC 97 Revision 2.1 Audio CODEC with SPDIF Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9707SCFT/V Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM9707SCFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM9707SCFT/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM9707SCFT/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM9707SCFT/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM9707SCFT/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM9707SCFT/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM9707SCFT/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM9707SCFT/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM9707SCFT/V Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
WM9707
Production Data
w
PD Rev 4.1 June 2006
23
SLOT 4: PCM RECORD RIGHT CHANNEL
Audio input frame slot 4 is the right channel output of the WM9707’s input Mux, post-ADC.
The WM9707’s ADCs can be implemented to support 16, 18, or 20-bit resolution.
The WM9707 ships out its ADC output data (MSB first), and stuffs any trailing non-valid bit positions
with 0s to fill out its 20-bit time slot.
SLOT 5: OPTIONAL MODEM LINE CODEC
Not supported by WM9707.
SLOT 6: OPTIONAL DEDICATED MICROPHONE RECORD DATA
Not supported by WM9707.
SLOTS 7 TO 12: RESERVED
Audio input frame slots 7 to 12 are reserved for future use and are always stuffed with 0s by the
WM9707.
AC-LINK LOW POWER MODE
The AC-link signals can be placed in a low power mode. When the WM9707’s Powerdown Register
26h, is programmed to the appropriate value, both BITCLK and SDATAIN will be brought to, and held
at a logic low voltage level.
BITCLK and SDATAIN are transitioned low immediately following the decode of the write to the
Powerdown Register 26h with PR4. When the AC’97 controller driver is at the point where it is ready
to program the AC-link into its low power mode, slots 1 and 2 are assumed to be the only valid
stream in the audio output frame. At this point in time it is assumed that all sources of audio input
have also been neutralised.
The AC’97 controller should also drive SYNC and SDATAOUT low after programming the WM9707
to this low power, halted mode.
Once the WM9707 has been instructed to halt BITCLK, a special wake up protocol must be used to
bring the AC-link to the active mode since normal audio output and input frames can not be
communicated in the absence of BITCLK.
WAKING UP THE AC-LINK
There are 2 methods for bringing the AC-link out of a low power, halted mode. Regardless of the
method, it is the AC’97 controller that performs the wake up task.
AC-link protocol provides for a Cold WM9707 Reset, and a Warm WM9707 Reset.
The current Powerdown state would ultimately dictate which form of WM9707 reset is appropriate.
Unless a cold or register reset (a write to the Reset Register 00h) is performed, wherein the WM9707
registers are initialised to their default values, registers are required to keep state during all
Powerdown modes.
Once powered down, re-activation of the AC-link via re-assertion of the SYNC signal must not occur
for a minimum of 4 audio frame times following the frame in which the Powerdown was triggered.
When AC-link powers up it indicates readiness via the CODEC Ready bit (input slot 0, bit 15).
COLD WM9707 RESET
A cold reset is achieved by asserting RESETB for the minimum specified time (1
µs). By driving
RESETB low, BITCLK, and SDATAOUT will be activated, or re-activated as the case may be, and all
the WM9707 control registers will be initialised to their default power on reset values.
RESETB is an asynchronous WM9707 input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com