Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9711L Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM9711L
Description  Low Power Audio CODEC for Portable Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9711L Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM9711L Datasheet HTML 15Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 16Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 17Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 18Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 19Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 20Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 21Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 22Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
Production Data
WM9711L
w
PD Rev 4.3 August 2006
19
RECORD SELECTOR
The record selector determines which input signals are routed into the audio ADC. The left and right
channels can be selected independently. This is useful for recording a phone call: one channel can
be used for the RX signal and the other for the TX signal, so that both sides of the conversation are
digitised.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
14
BOOST
0
20dB Boost
1: Boost ADC input signal by 20dB
0 :No boost
13:12
R2P
11
Record to phone path enable
00: Left ADC and Right ADC to phone
mixer
01 : Left ADC to phone mixer
10: Right ADC to phone imixer
11 : Muted
11
R2PBOOST
0
20dB Boost for ADC to phone signal
1: Boost signal by 20dB
0 :No boost
10:8
RECSL
000
Left ADC signal source
000: MIC* (pre-PGA)
001-010: Reserved (do not use this setting)
011: Speaker mix
100: LINEINL (pre-PGA)
101: Headphone Mix (left)
110: Phone Mix
111: PHONE (pre-PGA)
1Ah
Record
Select
2:0
RECSR
000
Right ADC signal source
000: MIC* (pre-PGA)
001-010: Reserved (do not use this setting)
011: Speaker mix
100: LINEINR (pre-PGA)
101: Headphone Mix (right)
110: Phone Mix
111: PHONE (pre-PGA)
Table 7 Audio Record Selector
Note:
*In stereo mic mode, MIC1 is routed to the left ADC and MIC2 to the right ADC. In all mono
mic modes, the same signal (MIC1, MIC2 or MIC1-MIC2) is routed to both the left and right
ADCs. See “Microphone Input” section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com