Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9711L Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM9711L
Description  Low Power Audio CODEC for Portable Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9711L Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM9711L Datasheet HTML 29Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 30Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 31Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 32Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 33Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 34Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 35Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 36Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
Production Data
WM9711L
w
PD Rev 4.3 August 2006
33
DIGITAL AUDIO (SPDIF) OUTPUT
The WM9711L supports the SPDIF standard using pin 47 as its output. Note that pin 47 can also be
used as a GPIO pin. The GE5 bit (register 56h, bit 5) selects between GPIO and SPDIF functionality
(see “GPIO and Interrupt control” section).
Register 3Ah is a read/write register that controls SPDIF functionality and manages bit fields
propagated as channel status (or sub-frame in the V case). With the exception of V, this register
should only be written to when the SPDIF transmitter is disabled (SPDIF bit in register 2Ah is ‘0’).
Once the desired values have been written to this register, the contents should be read back to
ensure that the sample rate in particular is supported, then SPDIF validity bit SPCV in register 2Ah
should be read to ensure the desired configuration is valid. Only then should the SPDIF enable bit in
register 2Ah be set. This ensures that control and status information start up correctly at the
beginning of SPDIF transmission.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10
SPCV
0
SPDIF validity bit (read-only)
5:4
SPSA
00
SPDIF slot assignment (ADCO = 0)
00: Slots 3, 4
01: Slots 6, 9
10: Slots 7, 8
11: Slots 10, 11
2Ah
Extended
Audio
2
SEN
0
SPDIF output enable
1 = enabled, 0 = disabled
15
V
0
Validity bit; ‘0’ indicates frame valid, ‘1’
indicates frame not valid
14
DRS
0
Double rate SPDIF support; not
supported by WM9705 therefore fixed ‘0’
13:1
2
SPSR
10
SPDIF sample rate; WM9705 supports
only 48kHz = ‘10’. This value is fixed.
11
L
0
Generation level; programmed as
required by user
10:4
CC
0000000
Category code; programmed as required
by user
3
PRE
0
Pre-emphasis; ‘0’ indicates not pre-
emphasis, ‘1’ indicates 50/15us pre-
emphasis
2
COPY
0
Copyright; ‘0’ indicates copyright is not
asserted, ‘1’ indicates copyright
1
AUDIB
TBD
Non-audio; ‘0’ indicates data is PCM, ‘1’
indicates non-PCM format (eg DD or
DTS)
3Ah
SPDIF
Control
Register
0
PRO
TBD
Professional; ‘0’ indicates consumer, ‘1’
indicates professional
5Ch
Additional
Function
Control
4
ADCO
0
Source of SPDIF data
0: SPDIF data comes from SDATAOUT
(pin 5), slot selected by SPSA
1: SPDIF data comes from audio ADC
Table 22 SPDIF Output Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com