Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9711L Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM9711L
Description  Low Power Audio CODEC for Portable Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9711L Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM9711L Datasheet HTML 1Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 2Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 3Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 4Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 5Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 6Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 7Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 8Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
w
WM9711L
Low Power Audio CODEC for Portable Applications
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Production Data, August 2006, Rev 4.3
Copyright
©2004 Wolfson Microelectronics plc
DESCRIPTION
The WM9711L is a highly integrated input / output device
designed for mobile computing and communications. The
device can connect directly to mono or stereo microphones,
stereo headphones and a mono speaker, reducing total
component count in the system. Additionally, phone input
and output pins are provided for seamless integration with
wireless communication devices.
The WM9711L also offers five GPIO pins for interfacing to
buttons or other digital devices. To monitor the battery
voltage in portable systems, the WM9711L has two
uncommitted comparator inputs.
All device functions are accessed and controlled through a
single AC-Link interface compliant with the AC’97 standard.
Additionally, the WM9711L can generate interrupts to
indicate low battery, dead battery, thermal cut-out and GPIO
conditions.
The WM9711L operates at supply voltages from 1.8 to 3.6
Volts. Each section of the chip can be powered down under
software control to save power. The device is available in a
small leadless 7x7mm QFN package, ideal for use in hand-
held portable systems.
FEATURES
• AC’97 Rev 2.2 compatible stereo codec
- DAC SNR 94dB, THD –87dB
- ADC SNR 92dB, THD –87dB
- Variable Rate Audio, supports all WinCE sample rates
- Tone Control, Bass Boost and 3D Enhancement
• On-chip 45mW headphone driver
• On-chip 400mW mono speaker driver
• Stereo, mono or differential microphone input
- Automatic Level Control (ALC)
• Auxiliary mono DAC (ring tone or DC level generation)
• Seamless interface to wireless chipset
• Up to 5 GPIO pins
• 2 comparator inputs for battery monitoring
• 1.8V to 3.6V supplies
• 7x7mm QFN
APPLICATIONS
• Personal Digital Assistants (PDA)
• Smartphones
• Handheld and Tablet Computers
BLOCK DIAGRAM


Similar Part No. - WM9711L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9711 WOLFSON-WM9711 Datasheet
645Kb / 66P
LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
More results

Similar Description - WM9711L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9711 WOLFSON-WM9711 Datasheet
645Kb / 66P
LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
WM8750L WOLFSON-WM8750L_05 Datasheet
757Kb / 62P
Stereo CODEC for Portable Audio Applications
WM8971L WOLFSON-WM8971L_05 Datasheet
763Kb / 61P
Stereo CODEC for Portable Audio Applications
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_12 Datasheet
733Kb / 65P
Stereo CODEC for Portable Audio Applications
WM8904 WOLFSON-WM8904 Datasheet
1Mb / 188P
Ultra Low Power CODEC for Portable Audio Applications
WM8903 WOLFSON-WM8903 Datasheet
1Mb / 178P
Ultra Low Power CODEC for Portable Audio Applications
logo
Texas Instruments
TWL6041 TI1-TWL6041_14 Datasheet
684Kb / 12P
8-Channel Low-Power Audio Codec for Portable Applications
logo
Wolfson Microelectronic...
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
logo
Cirrus Logic
WM8904 CIRRUS-WM8904 Datasheet
3Mb / 184P
Ultra Low-Power Codec for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com