Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYD73F Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BYD73F
Description  Ultra fast low-loss controlled avalanche rectifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD73F Datasheet(HTML) 5 Page - NXP Semiconductors

  BYD73F Datasheet HTML 1Page - NXP Semiconductors BYD73F Datasheet HTML 2Page - NXP Semiconductors BYD73F Datasheet HTML 3Page - NXP Semiconductors BYD73F Datasheet HTML 4Page - NXP Semiconductors BYD73F Datasheet HTML 5Page - NXP Semiconductors BYD73F Datasheet HTML 6Page - NXP Semiconductors BYD73F Datasheet HTML 7Page - NXP Semiconductors BYD73F Datasheet HTML 8Page - NXP Semiconductors BYD73F Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
1996 Sep 18
5
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYD73 series
GRAPHICAL DATA
BYD73A to D
a = 1.42; VR =VRRMmax; δ = 0.5.
Switched mode application.
Fig.2
Maximum permissible average forward
current as a function of tie-point temperature
(including losses due to reverse leakage).
handbook, halfpage
0
200
2.0
0
0.4
MGC535
0.8
1.2
1.6
100
IF(AV)
(A)
Ttp ( C)
o
lead length 10 mm
BYD73E to G
a = 1.42; VR =VRRMmax; δ = 0.5.
Switched mode application.
Fig.3
Maximum permissible average forward
current as a function of tie-point temperature
(including losses due to reverse leakage).
handbook, halfpage
0
200
2.0
0
0.4
MGC536
0.8
1.2
1.6
100
IF(AV)
(A)
Ttp ( C)
o
lead length 10 mm
BYD73A to D
a = 1.42; VR =VRRMmax; δ = 0.5.
Device mounted as shown in Fig.16.
Switched mode application.
Fig.4
Maximum permissible average forward
current as a function of ambient temperature
(including losses due to reverse leakage).
handbook, halfpage
0
200
1.6
IF(AV)
1.2
0.4
0
0.8
MGC538
100
Tamb ( C)
o
(A)
Fig.5
Maximum permissible average forward
current as a function of ambient temperature
(including losses due to reverse leakage).
BYD73E to G
a = 1.42; VR =VRRMmax; δ = 0.5.
Device mounted as shown in Fig.16.
Switched mode application.
handbook, halfpage
0
200
1.6
IF(AV)
1.2
0.4
0
0.8
MGC537
100
Tamb ( C)
o
(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com