Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYD73F Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BYD73F
Description  Ultra fast low-loss controlled avalanche rectifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD73F Datasheet(HTML) 4 Page - NXP Semiconductors

  BYD73F Datasheet HTML 1Page - NXP Semiconductors BYD73F Datasheet HTML 2Page - NXP Semiconductors BYD73F Datasheet HTML 3Page - NXP Semiconductors BYD73F Datasheet HTML 4Page - NXP Semiconductors BYD73F Datasheet HTML 5Page - NXP Semiconductors BYD73F Datasheet HTML 6Page - NXP Semiconductors BYD73F Datasheet HTML 7Page - NXP Semiconductors BYD73F Datasheet HTML 8Page - NXP Semiconductors BYD73F Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1996 Sep 18
4
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYD73 series
THERMAL CHARACTERISTICS
Note
1. Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer
≥40 µm, see Fig.16.
For more information please refer to the
“General Part of associated Handbook”.
Cd
diode capacitance
f = 1 MHz; VR =0V;
see Fig.15
BYD73A to D
−
50
−
pF
BYD73E to G
−
40
−
pF
maximum slope of reverse recovery
current
when switched from
IF = 1 A to VR ≥ 30 V
and dIF/dt = −1A/µs;
see Fig.17
BYD73A to D
−−
4A/
µs
BYD73E to G
−−
5A/
µs
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
lead length = 10 mm
60
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
120
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
dI
R
dt
--------



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com