Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYD73F Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BYD73F
Description  Ultra fast low-loss controlled avalanche rectifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD73F Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BYD73F Datasheet HTML 2Page - NXP Semiconductors BYD73F Datasheet HTML 3Page - NXP Semiconductors BYD73F Datasheet HTML 4Page - NXP Semiconductors BYD73F Datasheet HTML 5Page - NXP Semiconductors BYD73F Datasheet HTML 6Page - NXP Semiconductors BYD73F Datasheet HTML 7Page - NXP Semiconductors BYD73F Datasheet HTML 8Page - NXP Semiconductors BYD73F Datasheet HTML 9Page - NXP Semiconductors BYD73F Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
1996 Sep 18
6
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYD73 series
BYD73A to D
Ttp =55 °C; Rth j-tp = 60 K/W.
VRRMmax during 1 −δ; curves include derating for Tj max at VRRM = 200 V.
Fig.6 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
handbook, full pagewidth
16
0
8
10
−2
10
−1
110
2
10
3
10
4
MCD605
t p (ms)
0.2
1
10
0.1
I
FRM
(A)
δ =
0.05
0.5
BYD73E to G
Ttp =55°C; Rth j-tp = 60 K/W.
VRRMmax during 1 −δ; curves include derating for Tj max at VRRM = 400 V.
Fig.7 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
handbook, full pagewidth
16
0
8
10
-2
10
-1
10
10
2
10
3
10
4
MCD607
I
FRM
(A)
t p (ms)
0.2
1
0.1
δ =
0.05
1
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com