Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80SND2CMP3B Datasheet(PDF) 89 Page - ATMEL Corporation

Part # AT80SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND2CMP3B Datasheet(HTML) 89 Page - ATMEL Corporation

Back Button AT80SND2CMP3B Datasheet HTML 85Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 86Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 87Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 88Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 89Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 90Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 91Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 92Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 241 page
background image
89
4341F–MP3–03/06
AT8xC51SND2C/MP3B
Table 15-6.
DAC Output Level Control
001000
-12.0
001001
-13.5
001010
-15.0
001011
-16.5
001100
-18.0
001101
-19.5
001110
-21.0
001111
-22.5
010000
-24.0
010001
-25.5
010010
-27.0
010011
-28.5
010100
-30.0
010101
-31.5
010110
-33.0
010111
-34.5
011000
-36.0
011001
-37.5
011010
-39.0
011011
-40.5
011100
-42.0
011101
-43.5
011110
-45.0
011111
-46.5
100000
mute
LOLC 2:0
ROLC 2:0
Gain (dB)
000
6
001
3
010
0
011
-3
100
-6
Table 15-5.
Line-out Gain (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com