Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80SND2CMP3B Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT80SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND2CMP3B Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT80SND2CMP3B Datasheet HTML 28Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 29Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 30Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 31Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 32Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 33Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 34Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 35Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 241 page
background image
32
4341F–MP3–03/06
AT8xC51SND2C/MP3B
Note:
1. FCON register is only available in AT89C51SND2C product.
IPL1
B2h Interrupt Priority Control Low 1
-
IPLUSB
-
IPLKB
IPLADC
IPLSPI
IPLI2C
IPLMMC
Table 8-4.
Interrupt SFRs (Continued)
Mnemonic Add Name
76543210
Table 8-5.
Port SFRs
Mnemonic Add Name
76543210
P0
80h 8-bit Port 0
P2
A0h 8-bit Port 2
P3
B0h 8-bit Port 3
P4
C0h 4-bit Port 4
----
Table 8-6.
Auxiliary SFRs
Mnemonic Add Name
7
6
5
4
3210
AUXCON
90h Auxiliary Control
SDA
SCL
-
AUDCDOU
T
AUDCDIN
AUDCCL
K
AUDCCS
KIN0
Table 8-7.
Flash Memory SFR
Mnemonic Add Name
76543210
FCON
(1)
D1h Flash Control
FPL3
FPL2
FPL1
FPL0
FPS
FMOD1
FMOD0
FBUSY
Table 8-8.
Timer SFRs
Mnemonic Add Name
76543210
TCON
88h Timer/Counter 0 and 1 Control
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
TMOD
89h Timer/Counter 0 and 1 Modes
GATE1
C/T1#
M11
M01
GATE0
C/T0#
M10
M00
TL0
8Ah Timer/Counter 0 Low Byte
TH0
8Ch Timer/Counter 0 High Byte
TL1
8Bh Timer/Counter 1 Low Byte
TH1
8Dh Timer/Counter 1 High Byte
WDTRST
A6h Watchdog Timer Reset
WDTPRG
A7h Watchdog Timer Program
-----
WTO2
WTO1
WTO0
Table 8-9.
MP3 Decoder SFRs
Mnemonic Add Name
76543210
MP3CON
AAh MP3 Control
MPEN
MPBBST
CRCEN
MSKANC
MSKREQ
MSKLAY
MSKSYN
MSKCRC
MP3STA
C8h MP3 Status
MPANC
MPREQ
ERRLAY
ERRSYN
ERRCRC
MPFS1
MPFS0
MPVER
MP3STA1
AFh MP3 Status 1
-
-
-
MPFREQ
MPBREQ
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com