Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80SND2CMP3B Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT80SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND2CMP3B Datasheet(HTML) 1 Page - ATMEL Corporation

  AT80SND2CMP3B Datasheet HTML 1Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 2Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 3Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 4Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 5Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 6Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 7Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 8Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 241 page
background image
Features
• MPEG I/II-Layer 3 Hardwired Decoder
– Stand-alone MP3 Decoder
– 48, 44.1, 32, 24, 22.05, 16 kHz Sampling Frequency
– Separated Digital Volume Control on Left and Right Channels (Software Control
using 31 Steps)
– Bass, Medium, and Treble Control (31 Steps)
– Bass Boost Sound Effect
– Ancillary Data Extraction
– CRC Error and MPEG Frame Synchronization Indicators
• 20-bit Stereo Audio DAC
– 93 dB SNR playback stereo channel
– 32 Ohm/ 20 mW stereo headset drivers
– Stereo Line Level Input, Differential Mono Auxiliary Input
• Programmable Audio Output for Interfacing with External Audio System
– PCM Format Compatible
–I
2S Format Compatible
• Mono Audio Power Amplifier
– 440mW on 8 Ohms Load
• 8-bit MCU C51 Core Based (F
MAX = 20 MHz)
• 2304 Bytes of Internal RAM
• 64K Bytes of Code Memory
– AT89C51SND2C and 89SND2CMP3B: Flash (100K Erase/Write Cycles)
– AT83SND2C and 83SND2CMP3B: ROM
• 4K Bytes of Boot Flash Memory (AT89C51SND2C and 89SND2CMP3B)
– ISP: Download from USB (standard) or UART (option)
• USB Rev 1.1 Controller
– Full Speed Data Transmission
• Built-in PLL
– MP3 Audio Clocks
–USB Clock
• MultiMedia Card® Interface Compatibility
• Atmel DataFlash® SPI Interface Compatibility
• IDE/ATAPI Interface
• 2 Channels 10-bit ADC 8 kHz (8-true bit) for AT8XSND2CMP3B
– Battery Voltage Monitoring
– Voice Recording Controller by Software
• Up to 32 Bits of General-purpose I/Os
– 1 Interrupt Keyboard
–SmartMedia
® Software Interface
• 2 Standard 16-bit Timers/Counters
• Hardware Watchdog Timer
• Standard Full Duplex UART with Baud Rate Generator
• Two Wire Master and Slave Modes Controller
• SPI Master and Slave Modes Controller
• Power Management
– Power-on Reset
– Software Programmable MCU Clock
– Idle Mode, Power-down Mode
• Operating Conditions:
– 2.7 to 3.6V
– Power amplifier supply 3.2V to 5.5V
– 37mA Typical Operating at 25°C playing music on earphone
– Temperature Range: -40
°C to +85°C
• Packages
–CTBGA100
Single-Chip
Flash
Microcontroller
with MP3
Decoder with
Full Audio
Interface
AT83SND2C
AT89C51SND2C
AT80SND2CMP3B
AT83SND2CMP3B
AT89SND2CMP3B
4341F–MP3–03/06


Similar Part No. - AT80SND2CMP3B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT80SND2CMP3B ATMEL-AT80SND2CMP3B Datasheet
2Mb / 242P
MPEG I/II-Layer 3 Hardwired Decoder
AT80SND2CMP3B ATMEL-AT80SND2CMP3B_14 Datasheet
2Mb / 242P
MPEG I/II-Layer 3 Hardwired Decoder
More results

Similar Description - AT80SND2CMP3B

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT8401 PTC-PT8401 Datasheet
228Kb / 28P
MP3 Audio Decoder
logo
ATMEL Corporation
AT83C51SND1C ATMEL-AT83C51SND1C Datasheet
791Kb / 47P
Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
DOC4106 ATMEL-DOC4106 Datasheet
791Kb / 47P
Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
AT89C51SND2C ATMEL-AT89C51SND2C Datasheet
1Mb / 236P
Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
T83C51SND1 ATMEL-T83C51SND1 Datasheet
868Kb / 60P
Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
AT83SND1C ATMEL-AT83SND1C Datasheet
458Kb / 42P
Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT83SND1C ATMEL-AT83SND1C_06 Datasheet
2Mb / 212P
Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT83SND2CMP3_0605 ATMEL-AT83SND2CMP3_0605 Datasheet
871Kb / 97P
Single-Chip MP3 Decoder with Full Audio Interface
AT83SND2C ATMEL-AT83SND2C_05 Datasheet
2Mb / 235P
Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
AT83C51SND1C ATMEL-AT83C51SND1C_03 Datasheet
1Mb / 210P
Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com