Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80SND2CMP3B Datasheet(PDF) 101 Page - ATMEL Corporation

Part # AT80SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND2CMP3B Datasheet(HTML) 101 Page - ATMEL Corporation

Back Button AT80SND2CMP3B Datasheet HTML 97Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 98Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 99Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 100Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 101Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 102Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 103Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 104Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 105Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 241 page
background image
101
4341F–MP3–03/06
AT8xC51SND2C/MP3B
15.3.3
Precharge Control
The power up of the circuit can be performed independently for several blocks. The sequence
flow starts by setting to High the block specific fastcharge control bit and subsequently the asso-
ciated power control bit. Once the power control bit is set to High, the fast charging starts. This
action begins a user controlled fastcharge cycle. When the fastcharge period is over, the user
must reset the associated fastcharge bit and the block is ready for use. If a power control bit is
cleared a new power up sequence is needed.
The several blocks with independent power control are identified in Table 15-29. The table
describes the power on control and fastcharge bits for each block.
Table 15-29.
Precharge and Power Control
Note:
Note that all block can be precharged simultaneously.
Powered up block
Power on control bit
Precharge Control Bit
Vref & Vcm generator
ONMSTR
PRCHARGE
(reg 12; bit 1)
Left line in amplifier
ONLNIL
PRCHARGELNIL
Right line in amplifier
ONLNIR
PRCHARGELNIR
Left line out amplifier
ONLNOL
PRCHARGELNOL
Right line out amplifier
ONLNOR
PRCHARGELNOR
Left D-to-A converter
ONDACL
Not needed
Right D-to-A converter
ONDACR
Not needed
Auxiliary input amplifier
ONAUXIN
PRCHARGEAUXIN
PA Driver output
ONPADRV
PRCHARGEPADRV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com