Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80SND2CMP3B Datasheet(PDF) 110 Page - ATMEL Corporation

Part # AT80SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND2CMP3B Datasheet(HTML) 110 Page - ATMEL Corporation

Back Button AT80SND2CMP3B Datasheet HTML 106Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 107Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 108Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 109Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 110Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 111Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 112Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 113Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 114Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 241 page
background image
110
4341F–MP3–03/06
AT8xC51SND2C/MP3B
16.6
Bulk/Interrupt Transactions
Bulk and Interrupt transactions are managed in the same way.
16.6.1
Bulk/Interrupt OUT Transactions in Standard Mode
Figure 16-9.
Bulk/Interrupt OUT transactions in Standard Mode
An endpoint should be first enabled and configured before being able to receive Bulk or Interrupt
packets.
When a valid OUT packet is received on an endpoint, the RXOUTB0 bit is set by the USB con-
troller. This triggers an interrupt if enabled. The firmware has to select the corresponding
endpoint, store the number of data Bytes by reading the UBYCTX register. If the received packet
is a ZLP (Zero Length Packet), the UBYCTX register value is equal to 0 and no data has to be
read.
When all the endpoint FIFO Bytes have been read, the firmware should clear the RXOUTB0 bit
to allow the USB controller to accept the next OUT packet on this endpoint. Until the RXOUTB0
bit has been cleared by the firmware, the USB controller will answer a NAK handshake for each
OUT requests.
If the Host sends more Bytes than supported by the endpoint FIFO, the overflow data won’t be
stored, but the USB controller will consider that the packet is valid if the CRC is correct and the
endpoint Byte counter contains the number of Bytes sent by the Host.
OUT
DATA0 (n Bytes)
ACK
HOST
UFI
C51
Endpoint FIFO Read Byte 1
OUT
DATA1
NAK
RXOUTB0
Endpoint FIFO Read Byte 2
Endpoint FIFO Read Byte n
Clear RXOUTB0
OUT
DATA1
NAK
OUT
DATA1
ACK
RXOUTB0
Endpoint FIFO Read Byte 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com