Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB211AI Datasheet(PDF) 4 Page - Texas Instruments

Part # TUSB211AI
Description  TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB211AI Datasheet(HTML) 4 Page - Texas Instruments

  TUSB211AI Datasheet HTML 1Page - Texas Instruments TUSB211AI Datasheet HTML 2Page - Texas Instruments TUSB211AI Datasheet HTML 3Page - Texas Instruments TUSB211AI Datasheet HTML 4Page - Texas Instruments TUSB211AI Datasheet HTML 5Page - Texas Instruments TUSB211AI Datasheet HTML 6Page - Texas Instruments TUSB211AI Datasheet HTML 7Page - Texas Instruments TUSB211AI Datasheet HTML 8Page - Texas Instruments TUSB211AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
Supply voltage range
VCC
–0.3
7
V
Voltage range USB data
DxP, DxM
–0.3
5.5
V
Voltage range on EQ pin
EQ
-0.3
1.98
V
Voltage range other pins
RSTN
-0.3
5.5
V
Storage temperature, Tstg
–65
150
°C
Maximum junction temperature, TJ (max)
125
°C
(1)
Operation outside the Absolute Maximum Rating may cause permanent device damage. Absolute Maximum Rating do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Condition. If
used outside the Recommended Operating Condition but within the Absolute Maximum Rating, the device may not be fully functional,
and this may affect device reliability, functionality, performance, and shorten the device lifetime.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(2)
±2000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(3)
±750
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2.3
5
6.5
V
TA
Operating free-air temperature (TUSB211A)
0
70
°C
Operating free-air temperature (TUSB211AI)
–40
85
°C
TJ
Junction temperature (TUSB211A)
85
°C
Junction temperature (TUSB211AI)
105
°C
DxP, DxM
Voltage range USB data
0
3.6
V
EQ
Voltage range EQ pin
0
1.98
V
DIGITAL
Voltage range other pins (RSTN)
0
3.6
V
6.4 Thermal Information
THERMAL METRIC (1)
RWB (X2QFN)
UNIT
12 PINS
RθJA
Junction-to-ambient thermal resistance
137.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
62
°C/W
RθJB
Junction-to-board thermal resistance
67.2
°C/W
ψJT
Junction-to-top characterization parameter
1.9
°C/W
ψJB
Junction-to-board characterization parameter
67.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
TUSB211A
SLLSFW2 – SEPTEMBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TUSB211A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com