Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB211AI Datasheet(PDF) 21 Page - Texas Instruments

Part # TUSB211AI
Description  TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB211AI Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB211AI Datasheet HTML 16Page - Texas Instruments TUSB211AI Datasheet HTML 17Page - Texas Instruments TUSB211AI Datasheet HTML 18Page - Texas Instruments TUSB211AI Datasheet HTML 19Page - Texas Instruments TUSB211AI Datasheet HTML 20Page - Texas Instruments TUSB211AI Datasheet HTML 21Page - Texas Instruments TUSB211AI Datasheet HTML 22Page - Texas Instruments TUSB211AI Datasheet HTML 23Page - Texas Instruments TUSB211AI Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.4 MAX
2X 1.2
2X
0.4
6X 0.4
8X
0.4
0.2
12X
0.25
0.15
4X
0.6
0.4
0.05
0.00
B
1.65
1.55
A
1.65
1.55
(0.13)
TYP
X2QFN - 0.4 mm max height
RWB0012A
PLASTIC QUAD FLATPACK - NO LEAD
4221631/B 07/2017
PIN 1 INDEX AREA
SEATING PLANE
0.05 C
1
2
3
12
0.07
C B A
0.05
C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
6
7
8
9
SYMM
SYMM
SCALE 6.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com