Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB211AI Datasheet(PDF) 5 Page - Texas Instruments

Part # TUSB211AI
Description  TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB211AI Datasheet(HTML) 5 Page - Texas Instruments

  TUSB211AI Datasheet HTML 1Page - Texas Instruments TUSB211AI Datasheet HTML 2Page - Texas Instruments TUSB211AI Datasheet HTML 3Page - Texas Instruments TUSB211AI Datasheet HTML 4Page - Texas Instruments TUSB211AI Datasheet HTML 5Page - Texas Instruments TUSB211AI Datasheet HTML 6Page - Texas Instruments TUSB211AI Datasheet HTML 7Page - Texas Instruments TUSB211AI Datasheet HTML 8Page - Texas Instruments TUSB211AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
6.5 Electrical Characteristics
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP (1)
MAX
UNIT
POWER
IACTIVE_HS
High Speed Active Current
USB channel = HS mode. 480 Mbps
traffic. VCC supply stable, with EQ = Max
22
36
mA
IIDLE_HS
High Speed Idle Current
USB channel = HS mode, no traffic.
VCC supply stable, EQ = Max
22
36
mA
IHS_SUSPEND
High Speed Suspend Current
USB channel = HS Suspend mode.
VCC supply stable
0.75
1.4
mA
IFS
Full-Speed Current
USB channel = FS mode, 12 Mbps traffic,
Vcc supply stable
0.75
1.4
mA
IDISCONN
Disconnect Power
Host side application. No device
attachment.
0.80
1.4
mA
ISHUTDN
Shutdown Power
RSTN driven low, VCC supply stable
60
115
µA
CONTROL PIN LEAKAGE
ILKG_FS
Pin failsafe leakage current for
RSTN
VCC = 0 V, pin at VIH, max
10
15
µA
INPUT RSTN
VIH
High level input voltage
1.5
3.6
V
VIL
Low-level input voltage
0
0.5
V
IIH
High level input current
VIH = 3.6 V, RPU enabled
±15
µA
IIL
Low level input current
VIL = 0V, RPU enabled
±20
µA
INPUT EQ
REQ_LVL0
External pulldown resistor for EQ
Level 0
160
Ω
REQ_LVL1
External pulldown resistor for EQ
Level 1
1.5
1.8
2
REQ_LVL2
External pulldown resistor for EQ
Level 2
3.4
3.6
3.96
REQ_LVL3
External pulldown resistor for EQ
Level 3 to remove upper limit for
resistor value, can be left open
7.5
OUTPUTS CD, ENA_HS
VOH
High level output voltage for CD
and ENA_HS
IO = –50 µA, VCC >= 3.0 V
2.5
V
VOH
High level output voltage for CD
IO = –25 µA, VCC = 2.3 V
1.7
V
VOH
High level output voltage for
ENA_HS
IO = –25 µA, VCC = 2.3 V
1.8
V
VOL
Low level output voltage for CD
and ENA_HS
IO = 50 µA
0.3
V
DxP, DxM
CIO_DXX
Capacitance to GND
Measured with VNA at 240 MHz,
VCC supply stable, Redriver off
2.5
pF
(1)
All typical values are at VCC = 5 V, and TA = 25°C.
6.6 Switching Characteristics
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP (1)
MAX
UNIT
DxP, DxM USB Signals
FBR_DXX
Bit Rate
USB channel = HS mode. 480 Mbps
traffic. VCC supply stable
480
Mbps
tR/F_DXX
Rise/Fall time
100
ps
(1)
All typical values are at VCC = 5 V, and TA = 25°C.
www.ti.com
TUSB211A
SLLSFW2 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TUSB211A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com