Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP606 Datasheet(PDF) 10 Page - Analog Devices

Part # ADCMP606
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP606 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADCMP606 Datasheet HTML 6Page - Analog Devices ADCMP606 Datasheet HTML 7Page - Analog Devices ADCMP606 Datasheet HTML 8Page - Analog Devices ADCMP606 Datasheet HTML 9Page - Analog Devices ADCMP606 Datasheet HTML 10Page - Analog Devices ADCMP606 Datasheet HTML 11Page - Analog Devices ADCMP606 Datasheet HTML 12Page - Analog Devices ADCMP606 Datasheet HTML 13Page - Analog Devices ADCMP606 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADCMP606/ADCMP607
Rev. 0 | Page 10 of 16
APPLICATION INFORMATION
POWER/GROUND LAYOUT AND BYPASSING
The ADCMP606/ADCMP607 comparators are very high speed
devices. Despite the low noise output stage, it is essential to use
proper high speed design techniques to achieve the specified
performance. Because comparators are uncompensated
amplifiers, feedback in any phase relationship is likely to cause
oscillations or undesired hysteresis. Of critical importance is the
use of low impedance supply planes, particularly the output
supply plane (VCCO) and the ground plane (GND). Individual
supply planes are recommended as part of a multilayer board.
Providing the lowest inductance return path for switching
currents ensures the best possible performance in the target
application.
It is also important to adequately bypass the input and output
supplies. Multiple high quality 0.01 μF bypass capacitors should
be placed as close as possible to each of the VCCI and VCCO supply
pins and should be connected to the GND plane with redundant
vias. At least one of these should be placed to provide a physically
short return path for output currents flowing back from ground
to the VCC pin. High frequency bypass capacitors should be
carefully selected for minimum inductance and ESR. Parasitic
layout inductance should also be strictly controlled to maximize
the effectiveness of the bypass at high frequencies.
CML-COMPATIBLE OUTPUT STAGE
Specified propagation delay dispersion performance can be
achieved by using proper transmission line terminations. The
outputs of the ADCMP606 and ADCMP607 are designed to drive
400 mV directly into a 50 Ω cable or into transmission lines
terminated using either microstrip or strip line techniques with
50 Ω referenced to VCC. The CML output stage is shown in the
simplified schematic diagram in Figure 14. Each output is back-
terminated with 50 Ω for best transmission line matching.
Q
16mA
50Ω
Q
VCCO
GND
Figure 14. Simplified Schematic Diagram of
CML-Compatible Output Stage
If these high speed signals must be routed more than a
centimeter, then either microstrip or strip line techniques are
required to ensure proper transition times and to prevent
excessive output ringing and pulse width dependent
propagation delay dispersion.
It is also possible to operate the outputs with the internal
termination only if greater output swing is desired. This can be
especially useful for driving inputs on CMOS devices intended
for full swing ECL and PECL, or for generating pseudo PECL
levels. To avoid deep saturation of the outputs and resulting
pulse dispersion, VCCO must be kept above the specified
minimum output low level (see the Electrical Characteristics
section). The line length driven should be kept as short as
possible.
USING/DISABLING THE LATCH FEATURE
The latch input is designed for maximum versatility. It can
safely be left floating or it can be driven low by any standard
TTL/CMOS device as a high speed latch.
In addition, the pin can be operated as a hysteresis control pin
with a bias voltage of 1.25 V nominal and an input resistance of
approximately 7000 Ω. This allows the comparator hysteresis to
be easily controlled by either a resistor or an inexpensive CMOS
DAC. Driving this pin high or floating the pin removes all
hysteresis.
Hysteresis control and latch mode can be used together if an
open drain, an open collector, or a three-state driver is connected
parallel to the hysteresis control resistor or current source.
Due to the programmable hysteresis feature, the logic threshold
of the latch pin is approximately 1.1 V regardless of VCC.
OPTIMIZING PERFORMANCE
As with any high speed comparator, proper design and layout
techniques are essential for obtaining the specified performance.
Stray capacitance, inductance, inductive power and ground
impedances, or other layout issues can severely limit performance
and often cause oscillation. Large discontinuities along input
and output transmission lines can also limit the specified pulse
width dispersion performance. The source impedance should
be minimized as much as is practicable. High source impedance,
in combination with the parasitic input capacitance of the
comparator, causes an undesirable degradation in bandwidth at
the input, thus degrading the overall response. Thermal noise
from large resistances can easily cause extra jitter with slowly
slewing input signals; higher impedances encourage undesired
coupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com