Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP606 Datasheet(PDF) 11 Page - Analog Devices

Part # ADCMP606
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP606 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADCMP606 Datasheet HTML 7Page - Analog Devices ADCMP606 Datasheet HTML 8Page - Analog Devices ADCMP606 Datasheet HTML 9Page - Analog Devices ADCMP606 Datasheet HTML 10Page - Analog Devices ADCMP606 Datasheet HTML 11Page - Analog Devices ADCMP606 Datasheet HTML 12Page - Analog Devices ADCMP606 Datasheet HTML 13Page - Analog Devices ADCMP606 Datasheet HTML 14Page - Analog Devices ADCMP606 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADCMP606/ADCMP607
Rev. 0 | Page 11 of 16
COMPARATOR PROPAGATION DELAY
DISPERSION
The ADCMP606/ADCMP607 comparators are designed to
reduce propagation delay dispersion over a wide input overdrive
range of 5 mV to VCCI − 1 V. Propagation delay dispersion is the
variation in propagation delay that results from a change in the
degree of overdrive or slew rate (that is, how far or how fast the
input signal exceeds the switching threshold).
Propagation delay dispersion is a specification that becomes
important in high speed, time-critical applications, such as data
communication, automatic test and measurement, and instru-
mentation. It is also important in event-driven applications, such
as pulse spectroscopy, nuclear instrumentation, and medical
imaging. Dispersion is defined as the variation in propagation
delay as the input overdrive conditions are changed (Figure 15
and Figure 16).
The device dispersion is typically 2.3 ns as the overdrive varies
from 10 mV to 125 mV. This specification applies to both
positive and negative signals because each device has very closely
matched delays for positive-going and negative-going inputs as
well as very low output skews.
Q/Q OUTPUT
INPUT VOLTAGE
500mV OVERDRIVE
10mV OVERDRIVE
DISPERSION
VN ± VOS
Figure 15. Propagation Delay—Overdrive Dispersion
Q/Q OUTPUT
INPUT VOLTAGE
10V/ns
1V/ns
DISPERSION
VN ± VOS
Figure 16. Propagation Delay—Slew Rate Dispersion
COMPARATOR HYSTERESIS
The addition of hysteresis to a comparator is often desirable in a
noisy environment, or when the differential input amplitudes
are relatively small or slow moving. Figure 17 shows the transfer
function for a comparator with hysteresis. As the input voltage
approaches the threshold (0.0 V, in this example) from below
the threshold region in a positive direction, the comparator
switches from low to high when the input crosses +VH/2, and the
new switching threshold becomes −VH/2. The comparator remains
in the high state until the new threshold, −VH/2, is crossed from
below the threshold region in a negative direction. In this manner,
noise or feedback output signals centered on 0.0 V input cannot
cause the comparator to switch states unless it exceeds the region
bounded by ±VH/2.
OUTPUT
INPUT
0
VOL
VOH
+VH
2
–VH
2
Figure 17. Comparator Hysteresis Transfer Function
The customary technique for introducing hysteresis into a
comparator uses positive feedback from the output back to the
input. One limitation of this approach is that the amount of
hysteresis varies with the output logic levels, resulting in
hysteresis that is not symmetric about the threshold. The
external feedback network can also introduce significant
parasitics that reduce high speed performance and induce
oscillation in some cases.
This ADCMP607 comparator offers a programmable hysteresis
feature that can significantly improve accuracy and stability.
Connecting an external pull-down resistor or a current source
from the LE/HYS pin to GND, varies the amount of hysteresis
in a predictable, stable manner. Leaving the LE/HYS pin
disconnected or driving this pin high removes hysteresis. The
maximum hysteresis that can be applied using this pin is
approximately 160 mV. Figure 18 illustrates typical hysteresis
applied as a function of the external resistor value, and Figure 7
illustrates typical hysteresis as a function of the current.
HYS RESISTOR (kΩ)
0
50
100
150
200
250
300
350
400
50 100 150 200 250 300 350 400 450 500 550 600 650
VCC = 2.5V
Figure 18. Hysteresis vs. RHYS Control Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com