Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP606 Datasheet(PDF) 14 Page - Analog Devices

Part # ADCMP606
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP606 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADCMP606 Datasheet HTML 8Page - Analog Devices ADCMP606 Datasheet HTML 9Page - Analog Devices ADCMP606 Datasheet HTML 10Page - Analog Devices ADCMP606 Datasheet HTML 11Page - Analog Devices ADCMP606 Datasheet HTML 12Page - Analog Devices ADCMP606 Datasheet HTML 13Page - Analog Devices ADCMP606 Datasheet HTML 14Page - Analog Devices ADCMP606 Datasheet HTML 15Page - Analog Devices ADCMP606 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADCMP606/ADCMP607
Rev. 0 | Page 14 of 16
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-203-AB
0.22
0.08
0.30
0.15
1.00
0.90
0.70
SEATING
PLANE
4
5
6
3
2
1
PIN 1
0.65 BSC
1.30 BSC
0.10 MAX
0.10 COPLANARITY
0.40
0.10
1.10
0.80
2.20
2.00
1.80
2.40
2.10
1.80
1.35
1.25
1.15
0.46
0.36
0.26
Figure 26. 6-Lead Thin Shrink Small Outline Transistor Package (SC70)
(KS-6)
Dimensions shown in millimeters
*COMPLIANT TO JEDEC STANDARDS MO-220-VEED-1
EXCEPT FOR EXPOSED PAD DIMENSION.
1
0.50
BSC
0.60 MAX
PIN 1
INDICATOR
0.75
0.55
0.35
0.25 MIN
0.45
TOP
VIEW
12° MAX
0.80 MAX
0.65 TYP
PIN 1
INDICATOR
1.00
0.85
0.80
0.30
0.23
0.18
0.05 MAX
0.02 NOM
0.20 REF
*1.45
1.30 SQ
1.15
12
4
10
6
7
9
3
2.75
BSC SQ
3.00
BSC SQ
2
5
8
11
COPLANARITY
0.08
EXPOSED PAD
(BOTTOM VIEW)
SEATING
PLANE
Figure 27. 12-Lead Lead Frame Chip Scale Package (LFCSP-VQ)
3 mm × 3 mm Body, Very Thin Quad
(CP-12-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package
Option
Branding
ADCMP606BKSZ-R21
−40°C to +125°C
6-Lead Thin Shrink Small Outline Transistor Package (SC70)
KS-6
G0S
ADCMP606BKSZ-RL1
−40°C to +125°C
6-Lead Thin Shrink Small Outline Transistor Package (SC70)
KS-6
G0S
ADCMP606BKSZ-REEL71
−40°C to +125°C
6-Lead Thin Shrink Small Outline Transistor Package (SC70)
KS-6
G0S
ADCMP607BCPZ-R21
−40°C to +125°C
12-Lead Lead Frame Chip Scale Package (LFCSP-VQ)
CP-12-1
G0H
ADCMP607BCPZ-R71
−40°C to +125°C
12-Lead Lead Frame Chip Scale Package (LFCSP-VQ)
CP-12-1
G0H
ADCMP607BCPZ-WP1
−40°C to +125°C
12-Lead Lead Frame Chip Scale Package (LFCSP-VQ)
CP-12-1
G0H
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com